Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM9435P Datasheet(PDF) 4 Page - Analog Power

Part # AM9435P
Description  P-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM9435P Datasheet(HTML) 4 Page - Analog Power

  AM9435P Datasheet HTML 1Page - Analog Power AM9435P Datasheet HTML 2Page - Analog Power AM9435P Datasheet HTML 3Page - Analog Power AM9435P Datasheet HTML 4Page - Analog Power AM9435P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AM9435P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM9435_G
4
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS =0V
TA = 125
oC
25
oC
0
0.05
0.1
0.15
0.2
0.25
2
4
6
8
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -5.7A
TA = 25
o
C
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100
125
150
175
TA, AMBIENT TEMPERATURE (oC)
VDS = VGS
ID = -250mA
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RqJA = 125C/W
TA = 25C
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, T IME (sec)
R q J A(t ) = r(t ) + Rq J A
R q J A = 12 5o C/ W
TJ - TA = P * R q J A(t )
Dut y Cycle, D = t 1 / t 2
P(p
t
t
SINGLE PULSE
0 .0 1
0 .0 2
0 .0 5
0 .2
D = 0 .5
Typical Electrical Characteristics (P-Channel)
Figure 7. Transfer Characteristics
Figure 8. On-Resistance with Gate to Source Voltage
Figure 9. Vth Gate to Source Voltage Vs Temperature
Figure 10. Single Pulse Maximum Power Dissipation
Normalized Thermal Transient Junction to Ambient
Figure 11. Transient Thermal Response Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com