Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0819R Datasheet(PDF) 1 Page - API Delevan

Part # 0819R
Description  Molded Unshielded RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

0819R Datasheet(HTML) 1 Page - API Delevan

  0819R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 0819R
0819
Molded Unshielded RF Coils
Physical Parameters
Inches
Millimeters
Length
0.200 ± 0.010
5.08 ± 0.25
Diameter
0.078 ± 0.008
1.98 ± 0.20
Lead Size
AWG #24 TCW
0.020 ± 0.0015
0.508 ± 0.038
Lead Length
1.5 ± 0.12
38.10 ± 3.05
Current Rating at 90°C Ambient
Phenolic: 35°C Rise
Iron and Ferrite: 15°C Rise
Operating Temperature Range
Phenolic: –55°C to +125°C
Iron and Ferrite: –55°C to +105°C
Maximum Power Dissipation at 90°C
Phenolic: 0.145 W
Iron and Ferrite: 0.062 W
Weight Max. (Grams)
Phenolic: 0.19
Iron and Ferrite: 0 .22
Marking DELEVAN; inductance with units and tolerance;
date code (YYWWL). Note: An R before the date code
indicates a RoHS component.
Example: 0819-32K
Front:
Reverse:
DELEVAN
0850B
2.2uH±10%
Packaging Tape & reel: 12" reel, 3500 pieces max.; 14"
reel, 6000 pieces max.
Made in the U.S.A.
SERIES 0819 PHENOLIC CORE
-00K
-02K
-04K
-06K
-08K
-10K
-12K
-14K
-16K
SERIES 0819 IRON CORE
-18K
-20K
-22K
-24K
-26K
-28K
-30K
-32K
-34K
-36K
-38K
-40K
-42K
-44K
-46K
-48K
SERIES 0819 FERRITE CORE
-50K
-52K
-54K
-56K
-58K
-60K
-62K
-64K
-66K
-68K
-70K
-72K
-74K
-76K
-78K
-80K
-82K
-84K
-86K
-88K
-90K
-92K
-94K
-96K
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
895
835
760
705
645
525
460
420
410
510
485
465
435
410
310
290
257
236
198
178
150
130
122
104
95
126.0
118.0
112.0
105.0
100.0
95.0
83.5
76.0
69.0
64.0
54.5
52.0
54.5
51.0
49.0
42.5
39.0
34.0
33.0
31.5
28.0
27.0
25.5
24.5
0.13
0.15
0.18
0.21
0.25
0.38
0.49
0.59
0.62
0.18
0.20
0.22
0.25
0.28
0.49
0.56
0.72
0.85
1.2
1.5
2.1
2.8
3.2
4.4
5.2
3.0
3.4
3.8
4.3
4.7
5.2
6.8
8.2
10.0
11.5
16.0
17.5
16.0
18.0
20.0
26.5
30.5
40.5
43.0
48.0
60.0
66.0
72.0
79.0
680
650
560
540
500
440
410
380
340
250
215
200
190
170
150
135
130
110
100
95
88
78
69
52
47
31.0
26.0
23.0
20.0
17.0
15.0
13.5
12.5
11.5
10.5
10.0
9.5
8.9
7.9
7.5
7.1
6.6
6.2
5.9
5.4
5.0
4.5
3.9
3.3
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
35
35
35
35
30
30
25
25
25
40
40
40
40
35
40
40
45
45
45
50
55
55
55
45
45
40
40
40
45
45
45
45
45
45
45
45
45
35
35
35
35
35
35
35
35
35
35
35
35
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
Optional Tolerances: J= 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 11:30 AM Page 37


Similar Part No. - 0819R

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
0819-SS RAF-0819-SS Datasheet
81Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
logo
Qualtek Electronics Cor...
08190 QUALTEK-08190 Datasheet
207Kb / 1P
WIRE FORM FAN GUARD (176mm)
logo
PHOENIX CONTACT
0819039 PHOENIX-0819039 Datasheet
190Kb / 5P
UC-WMC 7,5 (23X8) RD - Conductor marker
0819084 PHOENIX-0819084 Datasheet
186Kb / 5P
UC-TM 4 VT - Marker for terminal blocks
0819107 PHOENIX-0819107 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 5 VT
More results

Similar Description - 0819R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2534-00K ETC1-2534-00K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
logo
API Delevan
1025R-94K API-1025R-94K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
1537-00M API-1537-00M Datasheet
51Kb / 1P
Molded Unshielded RF Coils
1840-00M API-1840-00M Datasheet
52Kb / 1P
Molded Unshielded RF Coils
2500-00J API-2500-00J Datasheet
53Kb / 1P
Molded Unshielded RF Coils
4470-01K API-4470-01K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
511R API-511R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1638R API-1638R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1944R API-1944R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
2534R API-2534R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com