Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2534R Datasheet(PDF) 1 Page - API Delevan

Part # 2534R
Description  Molded Unshielded RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

2534R Datasheet(HTML) 1 Page - API Delevan

  2534R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size (Max.)
SERIES 2534R
2534
Molded Unshielded RF Coils
Physical Parameters
Inches
Millimeters
Height
0.345 Max.
8.76 Max.
Diameter
0.25 ± 0.010
6.35 ± 0.25
Lead Size
AWG #24 TCW
0.020 ± 0.0015
0.508 ± .0038
Lead Length
1.62 ± 0.12
41.15 ± 3.05
Lead Spacing
0.170 to 0.210
4.32 to 5.33
Current Rating at 90°C Ambient 35°C Rise
Operating Temperature Range –55°C to +125°C
Maximum Power Dissipation at 90°C 0.23 W
Weight Max. (Grams) 1.0
Core Material Ferrite
Marking Delevan cage code (99800); 2534; dash number
with tolerance letter. Note: An R after 2534 indicates a
RoHS component.
Example: 2534R-24K
99800
2534R
-24K
Packaging Bulk only
Made in the U.S.A.
SERIES 2534 FERRITE CORE
-00K
-02K
-04K
-06K
-08K
-10K
-12K
-14K
-16K
-18K
-20K
-22K
-24K
-26K
-28K
-30K
-32K
-34K
-36K
-38K
-40K
-42K
-44K
-46K
-48K
-50L
-52L
-54L
-56L
-58L
-60L
-62L
-64L
-66L
-68L
-70L
-72L
-74L
-76L
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
330
300
285
277
265
229
220
203
193
187
175
170
160
130
118
110
100
90
85
80
70
68
61
59
58
41
40
37
34
29
26
23
21.5
19.5
18.0
16.6
15.8
13.5
12.0
1.5
1.8
2.0
2.2
2.4
3.2
3.4
4.1
4.5
4.8
5.4
5.8
6.4
10.0
12.0
14.0
17.0
20.0
24.0
27.0
34.0
37.0
45.0
48.0
51.0
100.0
105.0
120.0
145.0
195.0
250.0
295.0
365.0
430.0
510.0
605.0
670.0
900.0
1100.0
4.0
3.3
3.2
2.8
2.5
2.3
2.2
2.0
1.9
1.8
1.7
1.6
1.4
1.2
1.15
1.10
0.95
0.86
0.80
0.68
0.64
0.60
0.50
0.47
0.42
0.41
0.32
0.30
0.25
0.24
0.21
0.20
0.18
0.17
0.15
0.14
0.12
0.11
0.10
790
790
790
790
790
790
790
790
790
790
790
790
790
250
250
250
250
250
250
250
250
250
250
250
250
79
79
79
79
79
79
79
79
79
79
79
79
50
50
100
95
90
85
90
95
90
80
70
65
65
65
65
95
90
90
90
90
90
85
85
80
75
65
45
40
45
45
45
45
45
40
40
40
30
30
30
30
25
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
Optional Tolerances:
J = 5% H = 3%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 3:43 PM Page 59


Similar Part No. - 2534R

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2534 KR-2534 Datasheet
90Kb / 2P
Bandpass Filter
logo
Abbatron All Rights Res...
2534 ABBATRON-2534 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
List of Unclassifed Man...
2534-00K ETC1-2534-00K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
2534-02K ETC1-2534-02K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
2534-04K ETC1-2534-04K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
More results

Similar Description - 2534R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2534-00K ETC1-2534-00K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
logo
API Delevan
1025R-94K API-1025R-94K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
1537-00M API-1537-00M Datasheet
51Kb / 1P
Molded Unshielded RF Coils
1840-00M API-1840-00M Datasheet
52Kb / 1P
Molded Unshielded RF Coils
2500-00J API-2500-00J Datasheet
53Kb / 1P
Molded Unshielded RF Coils
4470-01K API-4470-01K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
511R API-511R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
0819R API-0819R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1638R API-1638R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1944R API-1944R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com