Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1298 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1298
Description  12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1298 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1298 Datasheet HTML 2Page - Maxim Integrated Products MAX1298 Datasheet HTML 3Page - Maxim Integrated Products MAX1298 Datasheet HTML 4Page - Maxim Integrated Products MAX1298 Datasheet HTML 5Page - Maxim Integrated Products MAX1298 Datasheet HTML 6Page - Maxim Integrated Products MAX1298 Datasheet HTML 7Page - Maxim Integrated Products MAX1298 Datasheet HTML 8Page - Maxim Integrated Products MAX1298 Datasheet HTML 9Page - Maxim Integrated Products MAX1298 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
12-Bit Serial-Output Temperature Sensors
with 5-Channel ADC
6
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
-2500
-1250
0
1250
2500
MAX1298
INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
-2500
-1250
0
1250
2500
MAX1299
INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
-2500
-1250
0
1250
2500
MAX1298
DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
-2500
-1250
0
1250
2500
MAX1299
DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
0
150
100
50
200
250
300
350
400
450
500
4.7
4.9
4.8
5.0
5.1
5.2
MAX1298
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(VOLTAGE MEASUREMENT MODE)
SUPPLY VOLTAGE (V)
EXTERNAL REFERENCE
INTERNAL REFERENCE
0
150
100
50
200
250
300
350
400
450
500
2.7
3.1
2.9
3.3
3.5
MAX1299
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(VOLTAGE MEASUREMENT MODE)
SUPPLY VOLTAGE (V)
EXTERNAL REFERENCE
INTERNAL REFERENCE
0
150
100
50
200
250
300
350
400
450
500
4.7
4.9
4.8
5.0
5.1
5.2
MAX1298
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(TEMPERATURE MEASUREMENT MODE)
SUPPLY VOLTAGE (V)
EXTERNAL REFERENCE
INTERNAL REFERENCE
0
150
100
50
200
250
300
350
400
450
500
2.7
3.1
2.9
3.3
3.5
MAX1299
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(TEMPERATURE MEASUREMENT MODE)
SUPPLY VOLTAGE (V)
EXTERNAL REFERENCE
INTERNAL REFERENCE
0
150
100
50
250
200
450
400
350
300
500
-40
-20
0
20
40
60
80
MAX1298
SUPPLY CURRENT vs. TEMPERATURE
(VOLTAGE MEASUREMENT MODE)
TEMPERATURE (°C)
EXTERNAL REFERENCE
INTERNAL REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com