Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL1 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # IL1
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL1 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  IL1 Datasheet HTML 1Page - Siemens Semiconductor Group IL1 Datasheet HTML 2Page - Siemens Semiconductor Group IL1 Datasheet HTML 3Page - Siemens Semiconductor Group IL1 Datasheet HTML 4Page - Siemens Semiconductor Group IL1 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5–2
IL1/2/5
Characteristics
Symbol
Min
Typ
Max
Unit
Condition
Emitter
Forward Voltage
VF
1.25
1.65
V
IF=60 mA
Breakdown Voltage
VBR
630
V
IR=10 µA
Reverse Current
IR
0.01
10
µAV
R=6 V
Capacitance
CO
40
pF
VR=0 V, f=1 MHz
Thermal Resistance Junction to Lead
RTHJL
750
°C/W
Detector
Capacitance
CCE
CCB
CEB
6.8
8.5
11
pF
pF
pF
VCE=5 V, f=1 MHz
VCB=5 V, f=1 MHz
VEB=5 V, f=1 MHz
Collector-Emitter Leakage Current
ICEO
550
nA
VCE=10 V
Collector-Emitter Saturation Voltage
VCESAT
0.25
ICE=1 mA, IB=20 µA
Base-Emitter Voltage
VBE
0.65
V
VCE=10 V, IB=20 µA
DC Forward Current Gain
HFE
200
650
1800
VCE=10 V, IB=20 µA
Saturated DC Forward Current Gain
HFESAT
120
400
600
VCE=0.4 V, IB=20 µA
Thermal Resistance Junction to Lead
RTHJL
500
°C/W
Package Transfer Characteristics
IL1
Saturated Current Transfer Ratio
(Collector-Emitter)
CTRCESAT
75
%
IF=10 mA, VCE=0.4 V
Current Transfer Ratio
(Collector-Emitter)
CTRCE
20
80
300
%
IF=10 mA, VCE=10 V
Current Transfer Ratio
(Collector-Base)
CTRCB
0.25
%
IF=10 mA, VCB=9.3 V
IL2
Saturated Current Transfer Ratio
(Collector-Emitter)
CTRCESAT
170
%
IF=10 mA, VCE=0.4 V
Current Transfer Ratio
(Collector-Emitter)
CTRCE
100
200
500
%
IF=10 mA, VCE=10 V
Current Transfer Ratio
CTRCB
0.25
%
IF=10 mA, VCB=9.3 V
IL5
Saturated Current Transfer Ratio
(Collector-Emitter)
CTRCESAT
100
%
IF=10 mA, VCE=0.4 V
Current Transfer Ratio
(Collector-Emitter)
CTRCE
50
130
400
%
IF=10 mA, VCE=10 V
Current Transfer Ratio
CTRCB
0.25
%
IF=10 mA, VCB=9.3 V
Isolation and Insulation
Common Mode Rejection Output High
CMH
5000
V/
µsV
CM=50 VP-P, RL=1 kΩ, IF=0 mA
Common Mode Rejection Output Low
CML
5000
V/
µsV
CM=50 VP-P, RL=1 kΩ, IF=10
mA
Common Mode Coupling Capacitance
CCM
0.01
pF
Package Capacitance
CI-O
0.6
pF
VI-O=0 V, f=1 MHz
Insulation Resistance
RS
10+14
Ω
VI-O=500 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com