Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM9900R Datasheet(PDF) 1 Page - API Delevan

Part # CM9900R
Description  PC Mount Common Mode Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

CM9900R Datasheet(HTML) 1 Page - API Delevan

  CM9900R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES CM9900R
CM9900
PC Mount Common Mode Chokes
Physical Parameters
Inches
Millimeters
A
0.740
18.8
B
0.840
21.3
C
0.670
17.0
D
0.900
22.9
E
0.040
1.0
F
0.025
0.64
G
0.200
5.1
H
0.175
4.4
J
0.750
19.1
K
0.200
5.1
L
0.515
13.1
All dimensions are typical
Operating Temperature Range –55°C to +125°C
Current Rating at 80°C Ambient 40°C rise
Mechanical Configuration Tape wrapped winding
sections; varnish impregnated assembly.
Notes 1) Inductance in table is for either L1 or L2.
2) Leakage Inductance tested at L1 with L2 shorted or at
L2 with L1 shorted.
3) Windings balanced within 1%.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES CM9900 FERRITE CORE
-473
-563
-683
-823
-104
-124
-154
-184
-224
-274
-334
-474
-564
-684
-824
-105
-125
-155
-185
-225
-275
-335
-395
-475
-565
-685
-825
-106
-126
-156
-186
-226
-276
-336
-396
-476
-566
-686
-826
-107
-127
4.0
4.0
5.0
5.5
6.0
6.5
7.5
8.0
9.0
10
11
16
18
20
25
35
47
49
59
76
91
101
135
158
196
257
296
362
410
503
602
730
870
1150
1300
1541
1875
2254
2702
3269
3456
3.5
3.5
3.5
2.8
2.8
2.8
2.8
2.2
2.2
2.2
1.7
1.4
1.4
1.1
1.1
0.88
0.88
0.70
0.70
0.55
0.55
0.55
0.44
0.44
0.44
0.35
0.35
0.35
0.27
0.27
0.27
0.22
0.17
0.17
0.13
0.13
0.13
0.13
0.10
0.10
0.10
0.016
0.018
0.019
0.023
0.025
0.028
0.030
0.038
0.044
0.051
0.058
0.078
0.091
0.115
0.131
0.194
0.219
0.278
0.306
0.431
0.469
0.531
0.669
0.760
0.853
1.24
1.40
1.61
1.98
2.24
2.45
3.49
4.60
5.21
7.19
7.80
8.69
9.69
13.10
14.60
16.00
47
56
68
82
100
120
150
180
220
270
330
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
100000
120000
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
Marking DELEVAN; part number.
Example: CM9900R-473
DELEVAN
CM9900R-473
Packaging Bulk only
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/27/10 10:38 AM Page 133


Similar Part No. - CM9900R

ManufacturerPart #DatasheetDescription
logo
API Delevan
CM9900 API-CM9900 Datasheet
38Kb / 1P
PC Mount Common Mode Chokes
CM9900-104 API-CM9900-104 Datasheet
38Kb / 1P
PC Mount Common Mode Chokes
CM9900-105 API-CM9900-105 Datasheet
38Kb / 1P
PC Mount Common Mode Chokes
CM9900-106 API-CM9900-106 Datasheet
38Kb / 1P
PC Mount Common Mode Chokes
CM9900-107 API-CM9900-107 Datasheet
38Kb / 1P
PC Mount Common Mode Chokes
More results

Similar Description - CM9900R

ManufacturerPart #DatasheetDescription
logo
API Delevan
CM1011 API-CM1011 Datasheet
30Kb / 1P
Horizontal PC Mount Epoxy Potted Common Mode Chokes
CM9900 API-CM9900 Datasheet
38Kb / 1P
PC Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
API Delevan
CM1011R API-CM1011R Datasheet
1Mb / 1P
Horizontal PC Mount Epoxy Potted Common Mode Chokes
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com