Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WW1008R Datasheet(PDF) 1 Page - API Delevan

Part # WW1008R
Description  Open Construction Wirewound Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

WW1008R Datasheet(HTML) 1 Page - API Delevan

  WW1008R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size (Max.)
Physical Parameters
Inches
Millimeters
A
0.115 Max.
2.92 Max.
B
0.110 Max.
2.79 Max.
C
0.080 Max.
2.03 Max.
D
0.080 (Ref. only)
2.03 (Ref. only)
E
0.020 (Ref. only)
0.50 (Ref. only)
F
0.060 (Ref. only)
1.52 (Ref. only)
G
0.100
2.54
H
0.040
1.01
I
0.050
1.27
Operating Temperature Range –40°C to +125°C
Inductance and Q tested on HP4291A using HP16193A
test fixture, or equivalent
Packaging Tape & reel (8mm): 7" reel, 2000 pieces max.
SERIES WW1008R CERAMIC CORE
-5N6K
-10NK
-12NK
-15NK
-18NK
-22NK
-24NK
-27NK
-33NK
-39NK
-47NK
-56NK
-59NK
-68NK
-75NK
-82NK
-101K
-121K
-151K
-181K
-221K
-241K
-271K
-301K
-331K
-361K
-391K
-431K
-471K
-561K
-621K
-681K
-751K
-821K
-911K
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
-123K
-153K
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES
Open Construction
Wirewound Surface Mount Inductors
WW1008R
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
650
650
580
520
500
500
500
450
450
470
470
470
470
400
300
400
360
400
380
370
310
330
300
280
290
290
260
260
240
200
170
150
130
120
0.15
0.08
0.09
0.11
0.12
0.12
0.12
0.13
0.14
0.15
0.16
0.18
0.20
0.20
0.21
0.22
0.56
0.63
0.70
0.77
0.84
0.88
0.91
1.00
1.05
1.10
1.12
1.15
1.19
1.33
1.40
1.47
1.54
1.61
1.68
1.75
2.00
2.30
2.60
2.80
3.20
3.40
3.60
4.00
4.00
4.90
6.00
9.00
10.50
11.50
4000
4100
3300
2500
2400
2400
1900
1600
1600
1500
1500
1300
1250
1300
1100
1000
1000
950
850
750
700
650
600
585
570
530
500
480
450
415
375
375
360
350
320
290
250
200
160
160
140
110
100
90
40
40
25
20
18
15
1500
500
500
500
350
350
350
350
350
350
350
350
350
350
350
350
350
350
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
50
50
50
50
50
50
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
50
50
50
50
50
55
55
55
60
60
65
65
65
65
60
60
60
60
45
45
45
45
45
45
45
45
45
45
45
45
45
45
45
35
35
35
35
28
28
28
22
22
20
20
16
18
18
18
18
18
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
5.6
10
12
15
18
22
24
27
33
39
47
56
59
68
75
82
100
120
150
180
220
240
270
300
330
360
390
430
470
560
620
680
750
820
910
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
Optional Tolerances: 27nH & Lower J = 5%
All Other Values: J = 5%
G = 2%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 7/21/10 10:02 AM Page 5


Similar Part No. - WW1008R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WW100500 SUPERWORLD-WW100500 Datasheet
161Kb / 4P
Linear Adaptors
More results

Similar Description - WW1008R

ManufacturerPart #DatasheetDescription
logo
API Delevan
0402R API-0402R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
0603R API-0603R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
0805R API-0805R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
4232R API-4232R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
0402-3N3K API-0402-3N3K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-3N6K API-0402-3N6K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-6N2K API-0402-6N2K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-7N5K API-0402-7N5K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
logo
Vishay Siliconix
IMC-0805-01 VISHAY-IMC-0805-01_12 Datasheet
86Kb / 3P
Wirewound, Surface Mount Inductors
24-Feb-11
IMC-0805-01 VISHAY-IMC-0805-01_17 Datasheet
90Kb / 3P
Wirewound, Surface Mount Inductors
24-Feb-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com