Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHC08 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AHC08
Description  AC-DC Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AHC08 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AHC08 Datasheet HTML 1Page - Arch Electronics Corp. AHC08 Datasheet HTML 2Page - Arch Electronics Corp. AHC08 Datasheet HTML 3Page - Arch Electronics Corp. AHC08 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : C_0
update : 2012.01.20
AC-DC Power Module
AHC08 SERIES
8 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
AHC08
-3.3S
AHC08
-3.8S
AHC08
-5S
AHC08
-8S
AHC08
-9S
AHC08
-12S
AHC08
-14S
AHC08
-15S
AHC08
-24S
Max Output Wattage (W)
6.6W
8W
8W
8W
8W
8W
8W
8W
8W
Voltage
90-305 VAC or 120-430 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
180 mA max. (115 VAC) / 110 mA max. (230 VAC)
Inrush Current (<500us)
25 A max. (115 VAC) / 45 A max. (230 VAC)
Leakage Current
0.25 mA max.
Input
External Fuse (recommend)
2 A slow blow type
Voltage (V.DC.)
3.3V
3.8V
5V
8V
9V
12V
14V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
2000
2100
1600
1000
888
666
571
533
335
Line Regulation (LL-HL) (typ.)
±0.2%
Load Regulation (10-100%) (typ.)
±1%.
±0.5%.
Minimum Load
0%
Maximum Capacitive Load
26000uF
25000uF
6000uF
2500uF
2300uF
1050uF
500uF
440uF
180uF
Ripple
3.3S~15S : <100mV max (Vp-p)
24S : <150mV max (Vp-p)
Noise
3.3S~15S : <150mV max (Vp-p)
24S : <200mV max (Vp-p)
Efficiency
69%
71%
72%
79%
79%
79%
80%
80%
81%
Hold-up Time
10 ms min.
Output
Switching Frequency
132±8 KHz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Operating Temperature
-40°C…+70°C ( with derating )
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>350,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.055 x 1.055 x 0.75 Inches
( 52.2 x 26.8 x 19.0 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
35 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
CE, UL, cUL
EMI
(Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
KEY FEATURES
Switching Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Universal Input Range 90-305VAC, 47-440 Hz
Single and Dual Output
Regulated Output and Low Ripple and Low Noise
Isolation Class II
Maximum No-Load Watts < 0.3W
Small Size as AHC 5Watt with 8Watt Higher Power
Screw Terminal For Optional
CE, UL Approval
3-Years Product Warranty


Similar Part No. - AHC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AHC08 TI-AHC08 Datasheet
737Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Arch Electronics Corp.
AHC08 ARCH-AHC08_16 Datasheet
235Kb / 3P
AC-DC Power Module
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
Single and Dual Output
More results

Similar Description - AHC08

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC ARCH-AFC Datasheet
495Kb / 5P
AC-DC Power Module
AFC20 ARCH-AFC20 Datasheet
507Kb / 5P
AC-DC Power Module
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
AC-DC Power Module
ANC50 ARCH-ANC50 Datasheet
296Kb / 7P
AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
AC-DC Power Module
AHCN ARCH-AHCN Datasheet
152Kb / 2P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_16 Datasheet
121Kb / 2P
AC-DC Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com