Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALF150 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ALF150
Description  LED Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF150 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ALF150 Datasheet HTML 1Page - Arch Electronics Corp. ALF150 Datasheet HTML 2Page - Arch Electronics Corp. ALF150 Datasheet HTML 3Page - Arch Electronics Corp. ALF150 Datasheet HTML 4Page - Arch Electronics Corp. ALF150 Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VER : B_6
update : 2012.05.11
LED Power
ALF150 SERIES
150 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
ALF150-12S
ALF150-24S
ALF150-36S
ALF150-48S
ALF150-54S
Max Output Wattage
(W)
150W
Voltage
90-305 VAC or 120-430 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
2 A max. (115 VAC) / 1 A max. (230 VAC) / 0.9 A max. (277 VAC)
Inrush Current (<2ms)
40 A max. (115 VAC) / 60 A max. (230 VAC)
Leakage Current
<0.75 mA max.
Input
Power Factor
PF>0.97 (115 VAC) / PF>0.95 (230 VAC) / PF>0.9 (277 VAC) at Full Load
Voltage (V.DC.)
12V
24V
36V
48V
54V
Constant Current Range (V.DC.)
6 ~ 12V
12 ~ 24V
18 ~ 36V
24 ~ 48V
27 ~ 54V
Voltage Accuracy
±2%
Current (Convection) (mA) max
12500
6250
4166
3125
2777
Current ADJ Range (mA)
6250 ~ 12500
3125 ~ 6250
2083 ~ 4166
1560 ~ 3125
1388 ~ 2777
Voltage ADJ Range (V.DC.)
(for IP65 Design)
10.8 ~ 13.2V
21.6 ~ 26.4V
32.4 ~ 38.5V
43.2 ~ 50.4V
48.6 ~ 55.5V
Line Regulation
±1%
Load Regulation
±1%
Minimum Load
1%
Maximum Capacitive Load
100,000 uF
50,000 uF
33,000 uF
6,000 uF
6,000 uF
Ripple & Noise (max.)
100mVp-p
100mVp-p
100mVp-p
200mVp-p
200mVp-p
Efficiency (typ.)
90.5%
92.5%
93.5%
92.5%
92.5%
Hold-up Time
25 ms min.
Output
Switching Frequency
100 kHz
Over Power Protection
Auto recovery
Over Voltage Protection
Auto recovery
Overt Temperature Protection
Auto recovery
Protection
Short Circuit Protection
Auto recovery
Input-Output (V.AC)
3750V
Input-FG
(V.AC)
1880V
Isolation
Output-FG
.(V.AC)
500V
Operating Temperature
-30°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C ( 0~50°C )
Humidity
95% RH
MTBF
>75,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes.
KEY FEATURES
IP65/67 Design for Indoor or LED Outdoor Installations
Universal Input: 90-305 VAC or 120-430 VDC
Three in one dimming function
(1~10VDC & PWM Signal or resistance)
Bulit-in Active PFC Function
Free Air Convection
High Reliability
With Constant Current & Constant Voltage
Output Voltage and Constant Current Level can Be
Adjusted Through Internal Potential Meter
LED Power Application
3-Years Product Warranty
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.


Similar Part No. - ALF150

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALF150-12S ARCH-ALF150-12S Datasheet
269Kb / 6P
LED Power
ALF150-24S ARCH-ALF150-24S Datasheet
269Kb / 6P
LED Power
ALF150-36 ARCH-ALF150-36 Datasheet
269Kb / 6P
LED Power
ALF150-48S ARCH-ALF150-48S Datasheet
269Kb / 6P
LED Power
ALF150-54S ARCH-ALF150-54S Datasheet
269Kb / 6P
LED Power
More results

Similar Description - ALF150

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
Power LED
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
power LED
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
POWER LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
LED Power
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
LED Power
PLF16 ARCH-PLF16 Datasheet
225Kb / 2P
LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
LED Power
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
LED Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com