Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4564-121K Datasheet(PDF) 1 Page - API Delevan

Part # 4564-121K
Description  Radial Lead Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4564-121K Datasheet(HTML) 1 Page - API Delevan

  4564-121K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size (Max.)
SERIES 4554R & 4564R
4554 & 4564
Radial Lead Inductors
Physical Parameters
Series 4554
Inches
Millimeters
A
0.34 Max.
8.64 Max.
B
0.433 Max.
11 Max.
C
0.200 Nom.
5.0 Nom.
D
0.200 Nom.
5.0 Nom.
E
0.024 Nom.
0.61 Nom.
Series 4564
Inches
Millimeters
A
0.315 Max.
8.0 Max.
B
0.440 Max.
11.2 Max.
C
0.200 Nom.
5.0 Nom.
D
0.200 Nom.
5.0 Nom.
E
0.028 Nom.
0.71 Nom.
Operating Temperature Range
Series 4554 –40°C to +85°C
Series 4564 –20°C to +80°C
Storage Temperature Rangee
Series 4554 –40°C to +85°C
Series 4564 –40°C to +80°C
The Rated DC Current The amperage where the
inductance value decreases 10%.
**Note: Series 4554 Inductance Tolerance Available in
J= 5% in values
≥ 100µH only
Packaging Bulk
SERIES 4554 FERRITE CORE
-1R0M
-1R5M
-2R2M
-3R3M
-4R7M
-6R8M
-100K
-120K
-150K
-180K
-220K
-270K
-330K
-390K
-470K
-560K
-680K
-820K
-101K
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
-102K
SERIES 4564 FERRITE CORE
-101K
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
-123K
-153K
-183K
-223K
-273K
-333K
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
Series 4564 Optional Tolerances:
J = 5%
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
10.0
8.5
6.5
5.5
4.3
3.7
3.0
2.6
2.2
2.0
1.7
1.6
1.5
1.4
1.3
1.2
1.2
1.1
0.91
0.84
0.75
0.69
0.64
0.57
0.54
0.48
0.46
0.41
0.38
0.35
0.29
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.15
0.15
0.15
0.10
0.10
0.10
0.10
0.05
0.05
0.05
0.05
0.05
0.04
0.04
0.04
0.03
0.03
0.03
0.03
0.013
0.016
0.021
0.025
0.030
0.035
0.055
0.060
0.065
0.085
0.095
0.120
0.140
0.160
0.200
0.210
0.210
0.230
0.290
0.320
0.450
0.580
0.650
0.800
0.900
1.0
1.1
1.4
1.6
1.8
2.9
2.0
2.0
2.0
3.0
3.0
3.0
4.0
4.0
4.0
4.0
4.0
6.0
6.0
9.0
9.0
9.0
13.0
13.0
13.0
13.0
18.0
18.0
26.0
26.0
40.0
40.0
60.0
60.0
80.0
80.0
80.0
150.0
130.0
100.0
79.0
51.0
29.0
14.0
13.0
12.0
11.0
9.2
8.5
7.8
6.9
6.5
5.4
4.9
4.1
3.7
3.4
3.2
2.8
2.7
2.4
2.3
2.1
1.9
1.8
1.6
1.5
1.3
5.3
4.5
3.8
3.3
2.9
2.6
2.3
2.1
1.9
1.7
1.6
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.7
0.6
0.6
0.5
0.5
0.4
0.4
0.4
0.3
0.3
0.2
0.2
7.96
7.96
7.96
7.96
7.96
7.96
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.252
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.252
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
20
20
20
20
20
20
50
50
50
40
40
40
30
30
30
30
30
30
20
20
20
20
20
20
20
20
20
20
20
20
50
80
80
80
80
80
80
80
80
80
80
80
80
90
90
90
90
90
90
90
90
90
90
90
90
100
100
100
100
100
100
100
±20%
±20%
±20%
±20%
±20%
±20%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
1.0 µH
1.5 µH
2.2 µH
3.3 µH
4.7 µH
6.8 µH
10 µH
12 µH
15 µH
18 µH
22 µH
27 µH
33 µH
39 µH
47 µH
56 µH
68 µH
82 µH
100 µH**
120 µH**
150 µH**
180 µH**
220 µH**
270 µH**
330 µH**
390 µH**
470 µH**
560 µH**
680 µH**
820 µH**
1000 µH**
0.10 mH
0.12 mH
0.15 mH
0.18 mH
0.22 mH
0.27 mH
0.33 mH
0.39 mH
0.47 mH
0.56 mH
0.68 mH
0.82 mH
1.00 mH
1.20 mH
1.50 mH
1.80 mH
2.20 mH
2.70 mH
3.30 mH
3.90 mH
4.70 mH
5.60 mH
6.80 mH
8.20 mH
10.0 mH
12.0 mH
15.0 mH
18.0 mH
22.0 mH
27.0 mH
33.0 mH
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 3:44 PM Page 60


Similar Part No. - 4564-121K

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
4564-256-AL RAF-4564-256-AL Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4564-256-AL-7 RAF-4564-256-AL-7 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4564-256-B RAF-4564-256-B Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4564-256-B-7 RAF-4564-256-B-7 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4564-256-N RAF-4564-256-N Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
More results

Similar Description - 4564-121K

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
RADIAL LEAD INDUCTORS
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
Radial Lead Inductors
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
Radial Lead Inductors
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
Radial Lead Inductors
logo
Murata Power Solutions ...
13R152C MURATA-PS-13R152C Datasheet
127Kb / 4P
Radial Lead Inductors
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
Radial Lead Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com