Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSB56LS3C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSB56LS3C1A
Description  3.5x2.8x1.9mm Power Top Blue SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSB56LS3C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSB56LS3C1A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
3
3..5
5x
x2
2..8
8x
x1
1..9
9m
mm
m P
Po
ow
we
er
r T
To
op
p B
Bllu
ue
e S
SM
MD
D
L
LE
ED
D
OSB56LS3C1A
Features
Outline Dimension
High Luminous PLCC4 Power Top SMD LEDs
33..55xx22..88xx11..99mm Standard Directivity
Long Lifetime Operation
Superior Weather-resistance
UV Resistant Silicone
Applications
Automotive Dashboard Lighting
Traffic Signal Lamp
Back Lighting
Other Lighting
1.9
2.8
0.1Typ.
2.2
0.75
1
2
4
3
1
2
3
4
1.Anode
2,3,4. Cathode
Unit:mm
Tolerance:±0.30mm
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
50
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
190
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=50mA
3.0
3.3
3.8
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=50mA
465
470
475
nm
Luminous Intensity
Iv
IF=50mA
500
900
-
mcd
50% Power Angle
1/2
IF=50mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSB56LS3C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB56LS3C1A OPTOSUPPLY-OSB56LS3C1A Datasheet
105Kb / 1P
3.5x2.8x1.9mm Power Top Blue SMD LED
More results

Similar Description - OSB56LS3C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5XLS3C1H OPTOSUPPLY-OSB5XLS3C1H Datasheet
99Kb / 1P
3.5x2.8x1.9mm Blue Power Top H SMD LED
OSB5STS5C1A OPTOSUPPLY-OSB5STS5C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Super Blue Top SMD LED
OSB56LS3C1A OPTOSUPPLY-OSB56LS3C1A Datasheet
105Kb / 1P
3.5x2.8x1.9mm Power Top Blue SMD LED
OSB563S3C1A OPTOSUPPLY-OSB563S3C1A Datasheet
109Kb / 1P
3.5x2.8x1.9mm Super Blue Power Top SMD LED
OSK57LS3C1A OPTOSUPPLY-OSK57LS3C1A Datasheet
105Kb / 1P
3.5x2.8x1.9mm Power Top Pink SMD LED
OSR7CAS3C1A OPTOSUPPLY-OSR7CAS3C1A Datasheet
112Kb / 1P
3.5x2.8x1.9mm Power Top Red SMD LED
OSB563S3C1A OPTOSUPPLY-OSB563S3C1A_11 Datasheet
113Kb / 1P
3.5x2.8x1.9mm Super Blue Power Top SMD
OSO5CAS3C1A OPTOSUPPLY-OSO5CAS3C1A_11 Datasheet
112Kb / 1P
3.5x2.8x1.9mm Power Top Commercial Orange SMD
OSO5M3S3C1A OPTOSUPPLY-OSO5M3S3C1A_11 Datasheet
113Kb / 1P
3.5x2.8x1.9mm Phoenix Orange Power Top SMD
OSK54LS3C1A OPTOSUPPLY-OSK54LS3C1A Datasheet
109Kb / 1P
3.5x2.8x1.9mm Power Top Pink SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com