Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14821 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 21Page - Maxim Integrated Products MAX14821 Datasheet HTML 22Page - Maxim Integrated Products MAX14821 Datasheet HTML 23Page - Maxim Integrated Products MAX14821 Datasheet HTML 24Page - Maxim Integrated Products MAX14821 Datasheet HTML 25Page - Maxim Integrated Products MAX14821 Datasheet HTML 26Page - Maxim Integrated Products MAX14821 Datasheet HTML 27Page - Maxim Integrated Products MAX14821 Datasheet HTML 28Page - Maxim Integrated Products MAX14821 Datasheet HTML 29Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 26
MAX14821
IO-Link Device Transceiver
SPI Interface
The device communicates through an SPI-compatible
4-wire serial interface. The interface has three inputs—
clock (SCLK), chip select (CS), and data in (SDI)—and
one output, data out (SDO). The maximum SPI clock rate
for the device is 12MHz. The SPI interface complies with
clock polarity CPOL = 0 and clock phase CPHA = 0 (see
Figure 10 and Figure 11).
The SPI interface is not available when V5 or VL are not
present.
Figure 10. SPI Write Cycle
Figure 11. SPI Read Cycle
R0
D7
D6
D5
D4
D3
D2
D1
D0
SCLK
R_ = REGISTER ADDRESS
D_ = DATA BIT
= CLOCK EDGE WHEN LOGIC IS LATCHED
SDI
W
00000
R1
CS
SDI
SDO
SCLK
RR1R0
00
X
X
00
0
CS
D7
D6
D5
D4
D3
D2
D1
D0
R_ = REGISTER ADDRESS
D_ = DATA BIT
= CLOCK EDGE WHEN LOGIC IS LATCHED
= CLOCK EDGE AT WHICH LOGIC IS WRITTEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com