Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N40 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N40
Description  2A, 400V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N40 Datasheet(HTML) 1 Page - Unisonic Technologies

  2N40 Datasheet HTML 1Page - Unisonic Technologies 2N40 Datasheet HTML 2Page - Unisonic Technologies 2N40 Datasheet HTML 3Page - Unisonic Technologies 2N40 Datasheet HTML 4Page - Unisonic Technologies 2N40 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N40
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-524.b
2A, 400V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N40 is an N-channel mode power MOSFET using
UTC’ s advanced technology to provide customers with a minimum
on-state resistance, stable off–state characteristics and superior
switching performance. It also can withstand high energy pulse in
the avalanche.
The UTC 2N40 is usually used in general purpose switching
applications, motor control circuits and switched mode power supply.
FEATURES
* High switching speed
* RDS(ON)=3.4Ω @ VGS=10V
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2N40L-TA3-T
2N40G-TA3-T
TO-220
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 2N40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N40 UTC-2N40 Datasheet
178Kb / 6P
2 Amps, 400 Volts N-CHANNEL POWER MOSFET
2N40-V UTC-2N40-V Datasheet
686Kb / 8P
2.0A, 400V N-CHANNEL POWER MOSFET
logo
Seme LAB
2N4000 SEME-LAB-2N4000 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
logo
Central Semiconductor C...
2N4000 CENTRAL-2N4000 Datasheet
22Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N4000 NJSEMI-2N4000 Datasheet
124Kb / 1P
NPN SWITCHING TRANSISTORS
More results

Similar Description - 2N40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Jul-1999
logo
Fairchild Semiconductor
IRF710A FAIRCHILD-IRF710A Datasheet
226Kb / 7P
Advanced Power MOSFET (400V, 3.6ohm, 2A)
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
400V N-CHANNEL POWER MOSFET
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
1A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
5A, 400V N-CHANNEL POWER MOSFET
10N40 UTC-10N40 Datasheet
175Kb / 4P
10.5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
13A, 400V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
10A 400V N CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD3T40P AOSMD-AOD3T40P Datasheet
459Kb / 6P
400V,2A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com