Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3772 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N3772
Description  SILICON NPN TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N3772 Datasheet(HTML) 2 Page - Unisonic Technologies

  2N3772 Datasheet HTML 1Page - Unisonic Technologies 2N3772 Datasheet HTML 2Page - Unisonic Technologies 2N3772 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N3772
SILICON NPN TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R205-002,Ba
ABSOLUTE MAXIMUM RATING (TA=25℃, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7
V
Collector-Emitter Voltage
VCEV
80
V
Collector Current
IC
30
A
Collector Peak Current (Note 1)
ICM
30
A
Base Current
IB
5
A
Base Peak Current (Note 1)
IBM
15
A
Power Dissipation (TA=25℃)
PD
150
W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note 1. Pulse Test: PW<=300μs, Duty Cycle<=2%
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage
VCEX(SUS) IC=0.2A,VBE(OFF)=1.5V,RBE=100Ω
80
V
Collector-Emitter Sustaining Voltage
VCER(SUS) IC=0.2A, RBE=100Ω
70
V
Collector-Emitter Sustaining Voltage
VCEO(SUS) IC=0.2A, IB=0
60
V
Collector Cut-off Current
ICEO
VCE=50V,IB=0
10
mA
Collector Cut-off Current
ICEX
VCE=100V, VBE(OFF)=1.5V.
5
mA
VCE=30V, VBE(OFF)=1.5V, TA=150℃
10
Collector Cut-off Current
ICBO
VCE=50V, IE=0
5
mA
Emitter Cut-off Current
IEBO
VBE=7V, IC=0
5
mA
ON CHARACTERISTICS
DC Current Gain (Note)
hFE
IC=10A,VCE=4V
15
60
IC=20A, VCE=4V
5
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=10A, IB=1.5A
1.4
V
IC=20A, IB=4A
4.0
Base-Emitter On Voltage
VBE(ON) IC=10A, VCE=4V
2.2
V
SECOND BREAKDOWN
Second Breakdown Collector with Base
Forward Biased
IS/b
VCE=60V, T=1.0s, Non-repetitive
2.5
A
DYNAMIC CHARACTERISTICS
Current Gain-Bandwidth Product
fT
IC=1A, VCE=4V, f=50kHz
0.2
MHz
Small-Signal Current Gain
hFE
IC=1A, VCE=4V, f=1kHz
40
Note: Pulse Test: PW<=300μs, Duty Cycle<=2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com