Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL74 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # IL74
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL74 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  IL74 Datasheet HTML 1Page - Siemens Semiconductor Group IL74 Datasheet HTML 2Page - Siemens Semiconductor Group IL74 Datasheet HTML 3Page - Siemens Semiconductor Group IL74 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5–3
IL/ILD/ILQ74
Figure 5. Normalized non-saturated and saturated CTR
at TA=85°C versus LED current
Figure 6. Collector-emitter current versus temperature
and LED current
Figure 7. Collector-emitter leakage current versus
temperature
Figure 8. Normalized CTRcb versus LED current
and temperature
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
Normalized to:
Vce = 10V, IF = 10mA, Ta = 25
°C
Ta = 85
°C
CTRce(sat) Vce = 0.4V
IF - LED Current - mA
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50
°C
70
°C
85
°C
IF - LED Current - mA
25
°C
100
80
60
40
20
0
-20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
gp
Ta - Ambient Temperature -
°C
TYPICAL
Vce = 10V
.1
1
10
100
0.0
0.5
1.0
1.5
25
°C
50
°C
70
°C
IF - LED Current - mA
Normalized to:
IF =10 mA
Vcb = 9.3 V
Ta = 25
°C
Figure 9. Collector base photocurrent versus LED
current
Figure 10. Normalized photocurrent versus If and
temperature
Figure 11. Normalized non-saturated HFE versus
base current and temperature
Figure 12. Normalized saturated HFE versus base
current and temperature
100
10
1
.1
.01
.1
1
10
100
1000
IF - LED Current - mA
Icb = 1.0357 *IF ^1.3631
Ta = 25
°C
100
10
1
.1
.01
.1
1
10
NIB-Ta=-20
°C
NIb,Ta=25
°C
NIb,Ta=50
°C
NIb,Ta=70
°C
If LED Current mA
Normalized to:
If = 10ma, Ta = 25
°C
1
10
100
1000
0.4
0.6
0.8
1.0
1.2
Ib - Base Current -
µA
Ib = 20
µA
Vce = 10 V
Ta = 25
°C
-20
°C
25
°C
50
°C
70
°C
Normalized to:
1
10
100
1000
0.0
0.5
1.0
1.5
Ib - Base Current - (
µA)
-20
°C
25
°C
50
°C
70
°C
Normalized to:
Vce = 10V
Ib = 20
µA
Ta = 25
°C
Vce = 0.4V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com