Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1201 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1201
Description  SILICON PNP EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1201 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1201 Datasheet HTML 1Page - Unisonic Technologies 2SA1201 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SA1201
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R208-024,Ca
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-800
mA
Base Current
IB
-160
mA
Collector Power Dissipation
PC
500
mW
1000 (Note 2)
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Mounted on cermic substrate( 250mm
2 × 0.8t )
ELECTRICAL CHARACTERISTICS(T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector to Emitter Breakdown Voltage
V(BR)CEO
IC= -10mA, IB=0
-120
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE= -1mA, IC=0
-5
V
Collector Cut-Off Current
ICBO
VCB= -120V, IE=0
-0.1
μA
Emitter Cut-Off Current
IEBO
VEB= -5V, IC=0
-0.1
μA
DC Current Gain
hFE
VCE= -5V, IC= -100mA
80
240
Collector to Emitter Saturation Voltage
VCE(SAT)
IC= -500mA, IB= -50mA
-1.0
V
Base to Emitter Voltage
VBE
VCE= -5V, IC= -100mA
-1.0
V
Transition Frequency
fT
VCE= -5V, IC= -100mA
120
MHz
Collector Output Capacitance
COB
VCB= -10V, IE=0, f=1MHz
30
pF
CLASSIFICATION OF hFE
RANK
O
Y
RANGE
80 - 160
120 - 240
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com