Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1132L-X-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB1132L-X-TN3-R
Description  MEDIUM POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1132L-X-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB1132L-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SB1132L-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SB1132L-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SB1132L-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SB1132L-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SB1132
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R208-016.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-32
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-1
A
Collector Current (Single pulse, Pw=100ms)
PULSE
-2
A
Collector Power Dissipation
SOT-89
PC
0.5
W
TO-252
1
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector Base Breakdown Voltage
BVCBO IC = -50μA
-40
V
Collector Emitter Breakdown Voltage
BVCEO IC = -1mA
-32
V
Emitter Base Breakdown Voltage
BVEBO IE= -50μA
-5
V
Collector Cut-Off Current
ICBO
VCB= -20V
-0.5
μA
Emitter Cut-Off Current
IEBO
VEB= -4V
-0.5
μA
Collector-Emitter Saturation Voltage
VCE(SAT) IC = -500mA,IB= -50mA (Note)
-0.2
-0.5
V
DC Current Transfer Ratio
hFE
VCE= -3V,IC = -0.1A (Note)
82
390
Transition Frequency
fT
VCE= -5V, IE= 50mA, f=30MHz
150
MHz
Output Capacitance
COB
VCB= -10V, IE=0A, f=1MHz
20
30
pF
Note: Measured using pulse current.
CLASSIFICATION OF hFE
RANK
P
Q
R
RANGE
82-180
120-270
180-390



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com