Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ2 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # ILQ2
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILQ2 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  ILQ2 Datasheet HTML 1Page - Siemens Semiconductor Group ILQ2 Datasheet HTML 2Page - Siemens Semiconductor Group ILQ2 Datasheet HTML 3Page - Siemens Semiconductor Group ILQ2 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5–3
ILD/Q1/2/5
Typical Switching Times
Figure 1. Non-saturated switching timing
Figure 2. Non-saturated switching timing
Figure 3. Saturated switching timing
Figure 4. Saturated switching timing
VO
VCC=5 V
RL=75 Ω
F=10 KHz,
DF=50%
IF=10 mA
I
F
V
O
t
D
t
R
50%
PHL
t
PLH
t
S
t
F
t
VO
VCC=5 V
RL
F=10 KHz,
DF=50%
IF=10 mA
IF
VO
tD
tR
V
TH =1.5 V
tPHL
tPLH
tS
tF
Figure 5. Normalized non-saturated and saturated
CTR at TA=25°C versus LED current
Figure 6. Normalized non-saturated and saturated
CTR at TA=25°C versus LED current
Characteristic
ILD/Q1
IF=20 mA
ILD/Q2
IF=5 mA
ILD/Q5
IF=10 mA
Unit
Condition
Delay, tD
0.8
1.7
1.7
µs
VCE=5 V
RL=75 kΩ
50% of VPP
Rise time, tR
1.9
2.6
2.6
µs
Storage, tS
0.2
0.4
0.4
µs
Fall Time, tF
1.4
2.2
2.2
µs
Propagation
H-L, tPHL
0.7
1.2
1.1
µs
Propagation
L-H, tPLH
1.4
2.3
2.5
µs
Characteristic
ILD/Q1
IF=20 mA
ILD/Q2
IF=5 mA
ILD/Q5
IF=10 mA
Unit
Condition
Delay, tD
0.8
1
1.7
µs
VCE=0.4 V
RL=1 kΩ
VCC=5 V
VTH=1.5 V
Rise time, tR
1.2
2
7
µs
Storage, tS
7.4
5.4
4.6
µs
Fall Time, tF
7.6
13.5
20
µs
Propagation
H-L, tPHL
1.6
5.4
2.6
µs
Propagation
L-H, tPLH
8.6
7.4
7.2
µs
.1
1
10
100
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
If - Forward Current - mA
Ta = -55
°C
Ta = 25
°C
Ta = 100
°C
.1
1
10
100
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
Vce = 10V, IF = 10mA
Ta = 25
°C
CTRce(sat) Vce = 0.4V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com