Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4774 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC4774
Description  HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING 6V, 50mA)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4774 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC4774_10 Datasheet HTML 1Page - Unisonic Technologies 2SC4774_10 Datasheet HTML 2Page - Unisonic Technologies 2SC4774_10 Datasheet HTML 3Page - Unisonic Technologies 2SC4774_10 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4774
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R220-017,B
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
12
V
Collector-Emitter Voltage
VCEO
6
V
Emitter-Base Voltage
VEBO
3
V
Collector Current
IC
50
mA
Collector Power Dissipation
PD
0.2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL SPECIFICATIONS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO IC =10μA
12
V
Collector-Emitter Breakdown Voltage
BVCEO IC =1mA
6
V
Emitter-Base Breakdown Voltage
BVEBO IE =10μA
3
V
Collector-Emitter Saturation Voltage
VCE(SAT) IC/IB =10mA/1mA
0.3
V
Collector Cutoff Current
ICBO
VCB =10V
0.5
μA
Emitter Cutoff Current
IEBO
VEB =2V
0.5
μA
DC Current Transfer Ratio
hFE
VCE/IC =5V/5mA
270
560
Transition Frequency
fT
VCE =5V, IE = −10mA, f=200MHz
300
800
MHz
Output Capacitance
Cob
VCB =10V, IE =0A, f=1MHz
1
1.7
pF
Output-On Resistance
RON
IB =3mA, VIN =100mVrms, f=500kHz
2
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com