Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N40 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4N40
Description  4A, 400V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N40 Datasheet(HTML) 2 Page - Unisonic Technologies

  4N40 Datasheet HTML 1Page - Unisonic Technologies 4N40 Datasheet HTML 2Page - Unisonic Technologies 4N40 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-550.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
400
V
Gate-Source Voltage
VGSS
±30
V
Continuous (TC=25°C)
ID
4
A
Drain Current
Pulsed (Note 1)
IDM
8
A
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
TO-220
60
W
Power Dissipation
TO-220F
27
W
TO-220
0.48
W/°C
Derate above 25°C
TO-220F
PD
0.22
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220
2.08
Junction to Case
TO-220F
θJC
4.5
°C/W
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS ID=250µA, VGS=0V
400
V
Drain-Source Leakage Current
IDSS
VDS=400V, VGS=0V
1
µA
Forward
VGS=+30V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON) VGS=10V, ID=4A
1.2
1.5
DYNAMIC PARAMETERS
Input Capacitance
CISS
750
pF
Output Capacitance
COSS
150
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
100
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
12
45
ns
Rise Time
tR
42
60
ns
Turn-OFF Delay Time
tD(OFF)
130 200
ns
Fall-Time
tF
VDD=200V, ID=4A, RG=25Ω
(Note 2, 3)
62
100
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=2A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
IS=4A, VGS=0V, dIF/dt=100A/µs(Note 2)
800
ns
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
3. Essentially independent of operating temperature



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com