Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N60G-TQ3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N60G-TQ3-R
Description  4A, 600V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60G-TQ3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4N60G-TQ3-R Datasheet HTML 1Page - Unisonic Technologies 4N60G-TQ3-R Datasheet HTML 2Page - Unisonic Technologies 4N60G-TQ3-R Datasheet HTML 3Page - Unisonic Technologies 4N60G-TQ3-R Datasheet HTML 4Page - Unisonic Technologies 4N60G-TQ3-R Datasheet HTML 5Page - Unisonic Technologies 4N60G-TQ3-R Datasheet HTML 6Page - Unisonic Technologies 4N60G-TQ3-R Datasheet HTML 7Page - Unisonic Technologies 4N60G-TQ3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N60
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-061,Q
4A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 4N60 is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and have a high
rugged avalanche characteristics. This power MOSFET is usually
used at high speed switching applications in power supplies, PWM
motor controls, high efficient DC to DC converters and bridge
circuits.
FEATURES
* RDS(ON) = 2.5Ω @VGS = 10 V
* Ultra Low Gate Charge ( typical 15 nC )
* Low Reverse Transfer CAPACITANCE ( CRSS = typical 8.0 pF )
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, high Ruggedness
SYMBOL
TO-251
1
1
TO-252
TO-220
TO-220F2
TO-262
1
TO-263
1
1
TO-220F
1
1
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4N60L-TA3-T
4N60G-TA3-T
TO-220
G
D
S
Tube
4N60L-TF1-T
4N60G-TF1-T
TO-220F1
G
D
S
Tube
4N60L-TF2-T
4N60G-TF2-T
TO-220F2
G
D
S
Tube
4N60L-TF3-T
4N60G-TF3-T
TO-220F
G
D
S
Tube
4N60L-TM3-T
4N60G-TM3-T
TO-251
G
D
S
Tube
4N60L-TN3-R
4N60G-TN3-R
TO-252
G
D
S
Tape Reel
4N60L-TN3-T
4N60G-TN3-T
TO-252
G
D
S
Tube
4N60L-T2Q-T
4N60G-T2Q-T
TO-262
G
D
S
Tube
4N60L-TQ3-R
4N60G-TQ3-R
TO-263
G
D
S
Tape Reel
4N60L-TQ3-T
4N60G-TQ3-T
TO-263
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 4N60G-TQ3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60G-TQ2-R UTC-4N60G-TQ2-R Datasheet
408Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
4N60G-TQ2-R UTC-4N60G-TQ2-R Datasheet
432Kb / 9P
N-CHANNEL ENHANCEMENT MODE MOSFET
4N60G-TQ2-R UTC-4N60G-TQ2-R Datasheet
262Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
4N60G-TQ2-R UTC-4N60G-TQ2-R Datasheet
250Kb / 8P
N-CHANNEL POWER MOSFET
4N60G-TQ2-R UTC-4N60G-TQ2-R Datasheet
262Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 4N60G-TQ3-R

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
600V, 4A N-Channel MOSFET
logo
Advanced Monolithic Sys...
AMS4N60 AMS-AMS4N60 Datasheet
499Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD4N60 AOSMD-AOD4N60 Datasheet
539Kb / 6P
600V,4A N-Channel MOSFET
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
600V,4A N-Channel MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
600V, 4A, N-Channel Power MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_14 Datasheet
408Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
4N60K UTC-4N60K Datasheet
367Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
4N60Z UTC-4N60Z Datasheet
359Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
600V 4A N-Channel MOSFET
Revision:20170701-P1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com