Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPY33-RK Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # KPY33-RK
Description  Silicon Piezoresistive Relative Pressure Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY33-RK Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  KPY33-RK Datasheet HTML 1Page - Siemens Semiconductor Group KPY33-RK Datasheet HTML 2Page - Siemens Semiconductor Group KPY33-RK Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KPY 33-RK
Semiconductor Group
2
..
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Pressure overload
P
MAX
1.0
bar
Operating temperature range
T
A
− 40 …+ 125
˚C
Storage temperature range
T
stg
− 50 …+ 150
˚C
Supply voltage
V
IN
12
V
Electrical Characteristics
at
T
A = 25 ˚C and VIN = 5 V, unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Bridge resistance
R
B
4
8k
Sensitivity
s
56.0
80.0
mV/Vbar
Output voltage
V
fin
28.0
40.0
mV
Offset voltage
P = P
0
V
0
− 25
−+ 25
mV
Linearity error (Best fit straight line)
P = P
0 ... PN
F
L
−± 0.2
± 0.5
%
V
fin
Pressure hysteresis
P
1 = P0, P2 = PN, P3 = P0
P
H
−± 0.1
%
V
fin
Electrical Characteristics
at
T
1 = 25 ˚C, Ts = 125 ˚C, T3 = 25 ˚C and V
fin = 5 V, unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Temperature coefficient of
V
fin
TC
Vfin
− 0.19 −− 0.10
%/K
Temperature coefficient of
V
0
TC
V0
− 0.05 −
+ 0.05
%/K
Temperature coefficient of
R
B
TC
RB
+ 0.095
%/K
Temperature hysteresis of
V
0
; Vfin
TH
− 0.7
± 0.1
+ 0.7
% v. V
fin



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com