Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPY51-R Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # KPY51-R
Description  Silicon Piezoresistive Relative Pressure Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY51-R Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  KPY51-R Datasheet HTML 1Page - Siemens Semiconductor Group KPY51-R Datasheet HTML 2Page - Siemens Semiconductor Group KPY51-R Datasheet HTML 3Page - Siemens Semiconductor Group KPY51-R Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Stainless Steel Package
Semiconductor Group
1
02.97
Silicon Piezoresistive
Relative Pressure Sensor
KPY 51-R
KPY 56-R
Features
• Low pressure and temperature hysteresis
• Fast response
• High sensitivity and linearity
• Fatigue free monocrystaline silicon diaphragm
giving high load cycle stability
• High long term stability
• Built in silicon temperature sensor
• Media compatible stainless housing
Type and
Marking
Symbol
Pressure Range
Unit
Ordering Code
KPY 51 R
P
0 PN
0
… 0.25
bar
Q62705-K174
KPY 52 R
0
… 0.6
Q62705-K171
KPY 53 R
0
… 1.6
Q62705-K176
KPY 54 R
0
… 4
Q62705-K178
KPY 55 R
0
… 10
Q62705-K180
KPY 56 R
0
… 25
Q62705-K182
Pin Configuration
1
Capillary tube
2+
V
IN
3
V
OUT
4
Temperature sensor
(typ.
R
25 = 2 kΩ)
5
Temperature sensor
6
V
IN
7+
V
OUT
8
Not connected


Similar Part No. - KPY51-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
Silicon Piezoresistive Relative Pressure Sensor
More results

Similar Description - KPY51-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY33-R SIEMENS-KPY33-R Datasheet
94Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY41-R SIEMENS-KPY41-R Datasheet
70Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
Silicon Piezoresistive Relative Pressure Sensor
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
Silicon Piezoresistive Pressure Sensor
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
Silicon Piezoresistive Absolute Pressure Sensor
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
Piezoresistive Silicon Pressure Sensor
Rev A
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
Piezoresistive Silicon Pressure Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com