Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4880 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LM4880
Description  DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button LM4880 Datasheet HTML 2Page - Unisonic Technologies LM4880 Datasheet HTML 3Page - Unisonic Technologies LM4880 Datasheet HTML 4Page - Unisonic Technologies LM4880 Datasheet HTML 5Page - Unisonic Technologies LM4880 Datasheet HTML 6Page - Unisonic Technologies LM4880 Datasheet HTML 7Page - Unisonic Technologies LM4880 Datasheet HTML 8Page - Unisonic Technologies LM4880 Datasheet HTML 9Page - Unisonic Technologies LM4880 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LM4880
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 12
www.unisonic.com.tw
QW-R502-033,C
AUTOMATIC SHUTDOWN CIRCUIT
+
HEADPHONE JACK
+
20kΩ
0.33µF
VDD
VDD
100µF
TO CHANNEL B
OUTPUT(PIN 7)
VIA COUPLING
CAPACITOR
Fig. 2 Automatic Shutdown Circuit
RP
1MΩ
1kΩ
RO
AUDIO
INPUT
+
-
20kΩ
+
3
2
4
5
1
8
0.1µF
100kΩ
RSD
UTC
LM4880
1µF
AUTOMATIC SWITCHING CIRCUIT
+
+
VDD
100μF
+
-
1
8
7
2
3
6
5
+
Fig. 3 Automatic Switching Circuit
0.33µF
20kΩ
+
RL
8Ω
VDD
0.1μF
20kΩ
RP
1MΩ
1kΩ
RO
HEADPHONE JACK
TO UTC LM4880
CHANNEL B OUTPUT
(PIN 7) VIA COUPLING
CAPACITOR
20kΩ
LM4861
4
AUDIO
INPUT
1µF
0.33µF
+
-
20kΩ
+
3
2
4
5
1
8
0.1µF
100kΩ
RSD
UTC
LM4880
1µF
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com