Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4963 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AM4963
Description  Single Phase Full Wave Direct PWM Motor Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4963 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AM4963 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM4963 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
Single Phase Full Wave Direct PWM Motor Driver
AM4963/AM4963R
Oct. 2011
BCD Semiconductor Manufacturing Limited
1
Description
The AM4963/AM4963R is a full wave driver IC
with direct PWM control function and thermal
resistor control function. It is used for single phase
motor and is capable of speed control by PWM
pulse and thermal resistor at the same time.
The AM4963/AM4963R is available in SSOP-16
and HTSSOP-14 packages.
.
Features
•
The Motor Speed is Controlled by PWM
Pulse Directly and Thermal Resistor at the
Same Time
•
Low Corner Temperature (30
°C) Adjustable
•
High Corner Temperature (38
°C) Adjustable
•
Full Speed when Thermal Resistor Shorten
•
Built-in Triangle Wave Circuit without Extra
Oscillation Capacitor
•
Built-in Minimal Speed Setup Circuit
•
Alpha Slope Adjustable
•
Rotation Speed Indicator (FG)
•
Rotation/lock State Indicator (RD)
•
Built-in Temperature Control Circuit
•
Built-in Thermal Shutdown Circuit
•
Lock Protection and Auto-restart
Applications
•
CPU Cooler Fan in PC
•
Brushless DC Motor Driver
Parametric Table
VCC=12V
Supply Voltage (V)
3.5 to 18
Supply Current (mA) VCT=L
15
Output Saturation (V)
1.2
Output Current (Max) (A)
1.0
CT Charge Current (
μA)
2.3
CT Discharge Current (
μA)
0.23
CT Charge and Discharge Ratio
10
FG Output Low Level Voltage (V)
0.2
RD Output Low Level Voltage (V)
0.2
Benefits
•
Speed Control by Both Thermistor and
Direct PWM
•
Minimum External Components
•
Temperature High/Low Adjustable
•
Low Startup Voltage: 3.5V
•
Cost-effect Solution
Additional Available Materials
•
Samples
•
Data Sheet
•
Reliability Report
•
ESD Report


Similar Part No. - AM4963

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4963 BCDSEMI-AM4963 Datasheet
561Kb / 16P
Single Phase Full Wave Direct PWM Motor Driver CPU Cooler Fan in PC
logo
Diodes Incorporated
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
Single Phase Full Wave Direct PWM Motor Driver
Rev 1
logo
BCD Semiconductor Manuf...
AM4963GH-G1 BCDSEMI-AM4963GH-G1 Datasheet
561Kb / 16P
Single Phase Full Wave Direct PWM Motor Driver CPU Cooler Fan in PC
logo
Diodes Incorporated
AM4963GH-G1 DIODES-AM4963GH-G1 Datasheet
561Kb / 16P
Single Phase Full Wave Direct PWM Motor Driver
Rev 1
logo
BCD Semiconductor Manuf...
AM4963GHTR-G1 BCDSEMI-AM4963GHTR-G1 Datasheet
561Kb / 16P
Single Phase Full Wave Direct PWM Motor Driver CPU Cooler Fan in PC
More results

Similar Description - AM4963

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Rev 2
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
Single Phase Full Wave Direct PWM Motor Driver
Rev 1
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Rev 1
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Rev 2
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com