Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2114 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2114
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2114 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2114 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Oct. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
13
Typical Performance Characteristics (Continued)
Figure 16. Output Voltage vs. Temperature
Figure 17. Output Voltage vs. Temperature
Figure 18. Output Voltage vs. Temperature
Figure 19. Output Voltage vs. Temperature
-40
-20
0
20406080
1.180
1.184
1.188
1.192
1.196
1.200
1.204
1.208
1.212
1.216
AP2114_1.2V
Temperature (
OC)
I
OUT=10mA
I
OUT=100mA
I
OUT=500mA
I
OUT=1000mA
V
IN=2.5V
-40
-20
0
20
40
60
80
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
I
OUT=10mA
I
OUT=100mA
I
OUT=500mA
I
OUT=1000mA
AP2114_2.5V
V
IN=3.5V
C
IN=4.7µF
C
OUT=4.7µF
Temperature (
OC)
-40
-20
0
20406080
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
AP2114_3.3V
V
IN=4.3V
Temperature (
OC)
I
OUT=10mA
I
OUT=100mA
I
OUT=500mA
I
OUT=1000mA
-40
-20
0
20
406080
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
I
OUT=10mA
I
OUT=100mA
I
OUT=500mA
I
OUT=1000mA
AP2114_1.8V
V
IN=2.8V
C
IN=4.7µF
C
OUT=4.7µF
Temperature (
OC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com