Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LP2950
Description  100 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LP2950 Datasheet(HTML) 5 Page - Unisonic Technologies

  LP2950 Datasheet HTML 1Page - Unisonic Technologies LP2950 Datasheet HTML 2Page - Unisonic Technologies LP2950 Datasheet HTML 3Page - Unisonic Technologies LP2950 Datasheet HTML 4Page - Unisonic Technologies LP2950 Datasheet HTML 5Page - Unisonic Technologies LP2950 Datasheet HTML 6Page - Unisonic Technologies LP2950 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LP2950/2951
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R102-001.L
TYPICAL APPLICATION CIRCUIT
10 Ampere Low Dropout Regulator
+VIN
FB
Vout
GND
SD
ERROR
UTC LP2951
8
5
7
1
4
3
CURRENT LIMIT
SECTION
+VIN=Vout+0.5V
0.05
470
680
4.7M
20k
220
0.033 F
47
R1
R2
4.7 F
100 F
1%
10k
2N3906
+VOUT 100m A
VOUT=1.23V*(1+R1/R2)
For 5V output use internal resistors.Wire pin 6 to 7 and wire pin 2 to +VOUT
UTC
D65H0
Fig.1
UTC LP2950-2.5
UTC LP2950-3.0
UTC LP2950-3.3
UTC LP2950-3.6
UTC LP2950-5.0
VIN
VOUT
Fig.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com