Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3033 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3033
Description  WHITE LED STEP-UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3033 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3033 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3033 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Preliminary Datasheet
9
Jan. 2010 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
WHITE LED STEP-UP CONVERTER
AP3033
Application Information
Operation
The AP3033 is a boost DC-DC converter which uses a
constant frequency, current mode control scheme to
provide excellent line and load regulation. Operation
can be best understood by referring to Figure 3 and
Figure 17.
At the start of each oscillator cycle, switch Q1 turns on.
The switch current will increase linearly. The voltage
on sense resistor is proportional to the switch current.
The output of the current sense amplifier is added to a
stabilizing ramp and the result is fed into the non-
inversion input of the PWM comparator A2. When this
voltage exceeds the output voltage level of the error
amplifier A1, the switch is turned off.
It is clear that the voltage level at inversion input of A2
sets the peak current level to keep the output in
regulation. This voltage level is the output signal of
error amplifier A1, and is the amplified signal of the
voltage difference between feedback voltage and
reference voltage of 200mV. So, a constant output
current can be provided by this operation mode.
LED Current Control
Refer to Figure 17, the LED current is controlled by the
feedback resistor RISET. LEDs' current accuracy is
determined by the regulator's feedback threshold
accuracy and is independent of the LED's forward
voltage variation. So the precise resistors are preferred.
The resistance of RISET is in inverse proportion to the
LED current since the feedback reference is fixed at
200mV. The relation for RISET and LED current
(ILED)can be expressed as below:
Over Voltage Protection
The AP3033 has an internal open load protection
circuit. When the LEDs are disconnected from circuit
or fail open, the output voltage is clamped at about
17V. The AP3033 will switch at a low frequency, and
minimize current to avoid input voltage drop.
Soft Start
The AP3033 has an internal soft start circuit to limit
the inrush current during startup. If logic low time on
CTRL pin is more than about 0.45ms and then enable
the IC, the AP3033 will start smoothly to protect sys-
tem departments. The time of startup is controlled by
internal soft-start capacitor. Details please refer to
Figure 13.
Figure 13. Soft-start Waveform
VIN=5V, 3×8 LEDs, ILED=160mA
Dimming Control
For controlling LED brightness, the AP3033 provides
typically 200mV feedback voltage when the CTRL pin
is pulled constantly high. However, CTRL pin allows a
PWM signal to reduce this regulation voltage by
changing the PWM duty cycle to achieve LED
brightness dimming control. Detail circuit, as show in
Figure 14. The relationship between the duty cycle and
LED current can be expressed as below:
where DPWM is the duty cycle of PWM signal and
200mV is internal reference voltage.
Figure 14. Bolck Diagram of Programmable
FB Voltage Using PWM Signal
VCTRL
2V/div
IL
500mA/div
Time 80
µs/div
VSW
5V/div
VO
5V/div
ISET
PWM
LED
R
D
mV
I
×
=
200
LED
ISET
I
mV
R
200
=
A
200mV
EA
FB
Ctrl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com