Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1012 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1012
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1012 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1012 Datasheet HTML 1Page - Unisonic Technologies LR1012 Datasheet HTML 2Page - Unisonic Technologies LR1012 Datasheet HTML 3Page - Unisonic Technologies LR1012 Datasheet HTML 4Page - Unisonic Technologies LR1012 Datasheet HTML 5Page - Unisonic Technologies LR1012 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LR1012
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-495.b
PIN CONFIGURATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
18:1. 8V
PIN DESCRIPTION
PIN NO.
PIN NAME
FUNCTION
1
VSS
GND
2
VIN
Input voltage
3
VOUT
Output voltage
4
N.C.
N.C. pin is electrically open. N.C. pin can be connected to VIN or VSS.
5
ON/OFF
ON/OFF select
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com