Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR6401 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR6401
Description  DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR6401 Datasheet(HTML) 4 Page - Unisonic Technologies

  LR6401 Datasheet HTML 1Page - Unisonic Technologies LR6401 Datasheet HTML 2Page - Unisonic Technologies LR6401 Datasheet HTML 3Page - Unisonic Technologies LR6401 Datasheet HTML 4Page - Unisonic Technologies LR6401 Datasheet HTML 5Page - Unisonic Technologies LR6401 Datasheet HTML 6Page - Unisonic Technologies LR6401 Datasheet HTML 7Page - Unisonic Technologies LR6401 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LR6401
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-332.I
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
7.0
V
EN Pin Voltage
VEN
VSS-0.3~VIN+0.3
V
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
Output Current
IOUT1+IOUT2
700
mA
Power Dissipation
SOT-26
PD
400
mW
VSON-6
1000
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-55~+125
°C
Note:Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-26
θJA
250
°C/W
VSON-6
100
ELECTRICAL CHARACTERISTICS (Ta = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
2.5
6.0
V
Output Voltage
VOUT
VIN=VOUT+1.0V, IOUT=30mA
VOUT
×0.98
VOUT
VOUT
×1.02
V
Line Regulation
OUT
IN
OUT
V
×
V
Δ
V
Δ
VOUT+1.0V≤VIN≤6.0V
IOUT=1mA
0.02
0.1
%/V
Load Regulation
ΔVOUT
VIN=VOUT+1.0V,
1mA ≤ IOUT ≤ 150mA
13
60
mV
VIN=VOUT+1.0V,
1mA ≤ IOUT ≤300mA
30
90
mV
Output Current
IOUT
VOUT+1.0V≤VIN≤6V (Note 1)
300
mA
Supply Current
ISS
VIN=VEN=VOUT+1.0V, IOUT=0mA
60
90
μA
Standby Current
ISTN-BY
VIN=VOUT+1.0V, VEN=VSS
0.1
1
μA
Current Limite
ILIMIT
VIN=VOUT+1.0V, VIN=VEN
450
mA
Short-Circuit Current
ISC
VIN=VOUT+1.0V, VIN=VEN
150
mA
Dropout Voltage
VD
IOUT=100mA
150
250
mV
IOUT=300mA
450
750
mV
EN Pin Input Voltage
High
VIH
(Note 2)
1.2
V
Low
VIL
(Note 2)
0.4
V
Temperature Coefficient of
Output Voltage
TCVO
IOUT=30mA, -25°C≤TOPR≤+85°C
±100
ppm/°C
Over Temperature Shutdown
OTS
150
°C
Over Temperature Hysteresis
OTH
40
°C
Power Supply Rejection Rate
PSRR
IOUT=30mA, F=100Hz
65
dB
Notes: 1. Measured using a double sided board with 1” x 2” square inches of copper area connected to the GND pins
for “heat spreading”.
2. EN pin input voltage must be always less than or equal to input voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com