Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4670L-K08-3030-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # M4670L-K08-3030-R
Description  FITERLESS HIGH EFFICIENCY 3W SWITCHING AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4670L-K08-3030-R Datasheet(HTML) 9 Page - Unisonic Technologies

  M4670L-K08-3030-R Datasheet HTML 1Page - Unisonic Technologies M4670L-K08-3030-R Datasheet HTML 2Page - Unisonic Technologies M4670L-K08-3030-R Datasheet HTML 3Page - Unisonic Technologies M4670L-K08-3030-R Datasheet HTML 4Page - Unisonic Technologies M4670L-K08-3030-R Datasheet HTML 5Page - Unisonic Technologies M4670L-K08-3030-R Datasheet HTML 6Page - Unisonic Technologies M4670L-K08-3030-R Datasheet HTML 7Page - Unisonic Technologies M4670L-K08-3030-R Datasheet HTML 8Page - Unisonic Technologies M4670L-K08-3030-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
M4670
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R502-442.b
APPLICATION INFORMATION (Cont.)
If the input signal as shown in Fig. 7, the equivalent impedance of each input should be equal. To find the
correct values for Ci3 and Ri3, which are found by calculating the parallel combination of all Ci values and all Ri
values. Equations (4) and (5) below are for any number of single-ended sources.
Ci3 = Ci1 + Ci2 + Cin ... (f) (4)
Ri3 = 1 / (1/Ri1 + 1/Ri2 + 1/Rin ...)(Ω) (5)
The M4670 also can use a combination of single-ended and differential sources. A typical application with one
single-ended source and one differential source is shown in Fig. 8. The use of superposition principle, the external
component values can be determined according to the configuration of the above equations(4)(5).
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com