Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA3431-N20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA3431-N20-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3431-N20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA3431-N20-R Datasheet HTML 1Page - Unisonic Technologies PA3431-N20-R Datasheet HTML 2Page - Unisonic Technologies PA3431-N20-R Datasheet HTML 3Page - Unisonic Technologies PA3431-N20-R Datasheet HTML 4Page - Unisonic Technologies PA3431-N20-R Datasheet HTML 5Page - Unisonic Technologies PA3431-N20-R Datasheet HTML 6Page - Unisonic Technologies PA3431-N20-R Datasheet HTML 7Page - Unisonic Technologies PA3431-N20-R Datasheet HTML 8Page - Unisonic Technologies PA3431-N20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PA3431
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R502-185.A
TYPICAL APPLICATION CIRCUIT
GND
GAIN0
GAIN1
LOUT+
LIN-
PVDD
RIN+
LOUT-
LIN+
BYPASS
GND
SHUTDOWN
ROUT+
RIN-
VDD
PVDD
ROUT-
GND
NC
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
R
SPEAKER
TO SYSTEM CONTROL
CRIN-
C3
VDD
1µF
RIGHT LINE INPUT SIGNAL
CS1
1µF
CS2
10µF
CB
C5 1µF
C2 1µF
CLIN+
C4 1µF
CRIN+
VDD
CLIN-
C1 1µF
LEFT LINE INPUT SIGNAL
L
SPEAKER
Typical Application Circuit Using Single-Ended Inputs
UTC PA3431



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com