Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4819L-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA4819L-S08-R
Description  350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4819L-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  PA4819L-S08-R Datasheet HTML 1Page - Unisonic Technologies PA4819L-S08-R Datasheet HTML 2Page - Unisonic Technologies PA4819L-S08-R Datasheet HTML 3Page - Unisonic Technologies PA4819L-S08-R Datasheet HTML 4Page - Unisonic Technologies PA4819L-S08-R Datasheet HTML 5Page - Unisonic Technologies PA4819L-S08-R Datasheet HTML 6Page - Unisonic Technologies PA4819L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PA4819
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-241.A
TYPICAL CHARACTERISTICS
0
Time (µs)
1600
400
800
1200
0
2
4
Output Waveform
6
8
-2
-4
-6
-8
2000
Vp-p= 6.72
0
Time (µs)
1600
400
800
1200
0
2
4
Output Waveform
6
8
-2
-4
-6
-8
2000
Vp-p=4.60
VDD=5V, RL=16Ω
f=1KHz, THD=10%
VDD=5V, RL=8Ω
f=1KHz, THD=10%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com