Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA6021 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA6021
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA6021 Datasheet(HTML) 1 Page - Unisonic Technologies

  PA6021 Datasheet HTML 1Page - Unisonic Technologies PA6021 Datasheet HTML 2Page - Unisonic Technologies PA6021 Datasheet HTML 3Page - Unisonic Technologies PA6021 Datasheet HTML 4Page - Unisonic Technologies PA6021 Datasheet HTML 5Page - Unisonic Technologies PA6021 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA6021
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-257.A
2-W STEREO AUDIO POWER
AMPLIFIER WITH ADVANCED
DC VOLUME CONTROL
DESCRIPTION
The PA6021 is a stereo audio power amplifier that drives 2
W/channel of continuous RMS power into a 4-Ω load when utilizing a
heat sink. Advanced dc volume control minimizes external
components and allows BTL (speaker) volume control and SE
(headphone) volume control.
The 20-pin DIP package allows for the use of a heatsink which
provides higher output power.
To ensure a smooth transition between active and shutdown
modes, a fade mode ramps the volume up and down.
FEATURES
* 2 W Into 4-W speakers with external heatsink
* DC volume control with 2-dB
* Steps from -40 dB ~ 20 dB
* – Fade Mode
* – -85-dB Mute Mode
* Differential Inputs
* 1-µA Shutdown Current (Typical)
* Headphone Mode
DIP-20
Lead-free:
PA6021L
Halogen-free: PA6021G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen Free
Package
Packing
PA6021-D20-T
PA6021L-D20-T
PA6021G-D20-T
DIP-20
Tube


Similar Part No. - PA6021

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PA6021 MTRONPTI-PA6021 Datasheet
343Kb / 2P
Suitable for all single channel modulations standards
logo
Unisonic Technologies
PA6021-D20-T UTC-PA6021-D20-T Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021G-D20-T UTC-PA6021G-D20-T Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021L-D20-T UTC-PA6021L-D20-T Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results

Similar Description - PA6021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com