Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R200LD10 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # R200LD10
Description  VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R200LD10 Datasheet(HTML) 5 Page - Unisonic Technologies

  R200LD10 Datasheet HTML 1Page - Unisonic Technologies R200LD10 Datasheet HTML 2Page - Unisonic Technologies R200LD10 Datasheet HTML 3Page - Unisonic Technologies R200LD10 Datasheet HTML 4Page - Unisonic Technologies R200LD10 Datasheet HTML 5Page - Unisonic Technologies R200LD10 Datasheet HTML 6Page - Unisonic Technologies R200LD10 Datasheet HTML 7Page - Unisonic Technologies R200LD10 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
R200LD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R101-022.G
TEST CIRCUIT
CO=10μF
IQ
1
2
5
3
R2
R1
VOUT
CI=0.33μF
VIN
DC Input
5
1
3
4
R200LD10
A
IC
A
A
V
IOUT
RL
For Standard Measuring Circuit of Regulation Portion
VOUT=VREF*(1+R2/R1)
R1=2kΩ,VREF≈2.65V
2.7V
CO=10μF
1
2
5
3
R2
R1
VOUT
CI=0.33μF
VIN
DC Input
5
1
3
4
R200LD10
V
IOUT
RL
For Standard Measuring Circuit of Ripple Rejection Critical Rate
f=120Hz sine wave ,ei(rms)=0.5V ,
VIN=5V,VOUT=3.3V(R1=2kΩ)
IOUT=0.3A,RR=20log{ei(rms)/eo(rms)}
~
ei
V~
eo
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com