Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7368PG-R10-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TA7368PG-R10-R
Description  0.6W AUDIO POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7368PG-R10-R Datasheet(HTML) 5 Page - Unisonic Technologies

  TA7368PG-R10-R Datasheet HTML 1Page - Unisonic Technologies TA7368PG-R10-R Datasheet HTML 2Page - Unisonic Technologies TA7368PG-R10-R Datasheet HTML 3Page - Unisonic Technologies TA7368PG-R10-R Datasheet HTML 4Page - Unisonic Technologies TA7368PG-R10-R Datasheet HTML 5Page - Unisonic Technologies TA7368PG-R10-R Datasheet HTML 6Page - Unisonic Technologies TA7368PG-R10-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TA7368P
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R107-009,E
PRECAUTION FOR APPLICATION
1. Input stage (Figure 1)
The input stage of power amplifier is comprised of a PNP differential pair( Q2 and Q3) preceded by a PNP emitter
follower(Q1) which allows DC referencing of the source signal to GND. This eliminates the need for an input coupling
capacitor. However, in case the brush noise of volume becomes a problem, provide serially a coupling capacitor to
the input side.
2. Adjustment of the voltage gain (Figure 2)
The voltage gain is fixed at Gv=40dB by the resistors( R4 and R5) in IC. Its reduction is possible through adding Rf
as
shown
in
Figure
2.
In
this
case,
the
voltage
gain
is
obtained
by
the
following
equation:
Gv=20log(R5+R4+Rf)/(R4+Rf). It is recommended to use this IC with the voltage gain of Gv=28dB or over.
Figure 1
Figure
2
Figure 3
3. Ripple Rejection (Figure 3)
Adding Crip, to the ripple terminal 2 as shown in Figure 3, the ripple rejection ratio is improved from -25dB to -45dB.
4. Power dissipation
Casre should be taken to use IC below maximum power dissipation because it may be over maximum rating
depending on operating condition.
Pd=900mW (Ta=25
°C)
5. Phase-compensation
Small temperature coefficient and excellent frequency characteristics is needed by capacitor below:
*Oscillation preventing capacitor for power amplifier output
*Bypass capacitor for ripple filter
*Capacitor between Vcc and GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com