Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1021 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 18Page - Texas Instruments CC1021 Datasheet HTML 19Page - Texas Instruments CC1021 Datasheet HTML 20Page - Texas Instruments CC1021 Datasheet HTML 21Page - Texas Instruments CC1021 Datasheet HTML 22Page - Texas Instruments CC1021 Datasheet HTML 23Page - Texas Instruments CC1021 Datasheet HTML 24Page - Texas Instruments CC1021 Datasheet HTML 25Page - Texas Instruments CC1021 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
CC1021
SWRS045C
Page 22 of 87
9.
Microcontroller Interface
Used in a typical system,
CC1021 will
interface
to
a
microcontroller.
This
microcontroller must be able to:
• Program
CC1021 into different modes via
the 4-wire serial configuration interface
(PDI, PDO, PCLK and PSEL)
• Interface
to
the
bi-directional
synchronous data signal interface (DIO
and DCLK)
• Optionally, the microcontroller can do
data encoding / decoding
• Optionally, the microcontroller can
monitor the LOCK pin for frequency
lock status, carrier sense status or
other status information.
• Optionally, the microcontroller can read
back the digital RSSI value and other
status information via the 4-wire serial
interface
Configuration interface
The microcontroller interface is shown in
Figure 6. The microcontroller uses 3 or 4
I/O pins for the configuration interface
(PDI, PDO, PCLK and PSEL). PDO should
be connected to a microcontroller input.
PDI,
PCLK
and
PSEL
must
be
microcontroller outputs. One I/O pin can
be saved if PDI and PDO are connected
together and a bi-directional pin is used at
the microcontroller.
The microcontroller pins connected to PDI,
PDO and PCLK can be used for other
purposes when the configuration interface
is not used. PDI, PDO and PCLK are high
impedance inputs as long as PSEL is not
activated (active low).
PSEL has an internal pull-up resistor and
should be left open (tri-stated by the
microcontroller) or set to a high level
during power down mode in order to
prevent a trickle current flowing in the pull-
up.
Signal interface
A bi-directional pin is usually used for data
(DIO) to be transmitted and data received.
DCLK providing the data timing should be
connected to a microcontroller input.
As an option, the data output in receive
mode can be made available on a
separate pin. See section 9.2 on page for
25 further details.
PLL lock signal
Optionally, one microcontroller pin can be
used to monitor the LOCK signal. This
signal is at low logic level when the PLL is
in lock. It can also be used for carrier
sense and to monitor other internal test
signals.
PDI
PCLK
PSEL
DIO
LOCK
Micro-
controller
DCLK
(Optional)
PDO
(Optional)
PDI
PCLK
PSEL
DIO
LOCK
Micro-
controller
DCLK
(Optional)
PDO
(Optional)
Figure 6. Microcontroller interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com