Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2420Z-RTR1 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 5Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 6Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 7Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 8Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 9Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 10Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 11Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 12Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
CC2420
SWRS041B
Page 9 of 89
6
Electrical Specifications
Measured on CC2420 EM with transmission line balun, TA = 25 °C, DVDD3.3 and VREG_IN = 3.3 V, internal
voltage regulator used if nothing else stated.
6.1
Overall
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
RF Frequency Range
2400
2483.5
MHz
Programmable in 1 MHz steps, 5
MHz steps for compliance with [1]
6.2
Transmit Section
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Transmit bit rate
250
250
kbps
As defined by [1]
Transmit chip rate
2000
2000
kChips/s
As defined by [1]
Nominal output power
-3
0
dBm
Delivered to a single ended 50
load through a balun.
[1] requires minimum –3 dBm
Programmable output power range
24
dB
The output power is
programmable in 8 steps from
approximately –24 to 0 dBm.
Harmonics
2
nd harmonic
3
rd harmonic
-44
-64
dBm
dBm
Measured conducted with 1 MHz
resolution bandwidth on spectrum
analyser. At max output power
delivered to a single ended 50
load through a balun. See page
54.
Spurious emission
30 - 1000 MHz
1– 12.75 GHz
1.8 – 1.9 GHz
5.15 – 5.3 GHz
-56
-44
-56
-51
dBm
dBm
dBm
dBm
Maximum output power.
Complies with EN 300 328, EN
300 440, FCC CFR47 Part 15
and ARIB STD-T-66
Error Vector Magnitude (EVM)
11
%
Measured as defined by [1]
[1] requires max. 35 %
Optimum load impedance
95
+ j187
Differential impedance as seen
from the RF-port (RF_P and
RF_N
) towards the antenna. For
matching details see the Input /
Output Matching section on page
54.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com