Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS3360 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LS3360
Description  T1(3mm) LED LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS3360 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LS3360 Datasheet HTML 1Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Semiconductor Group
1
1998-07-13
3 mm (T1) LED, Diffused
LR 3360, LS 3360, LO 3360
LY 3360, LG 3360, LP 3360
Besondere Merkmale
q
eingefärbtes, diffuses Gehäuse
q
als optischer Indikator einsetzbar
q
Lötspieße mit Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, diffused package
q
for use as optical indicator
q
solder leads with stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839


Similar Part No. - LS3360

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3360-HL SIEMENS-LS3360-HL Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3360-K SIEMENS-LS3360-K Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3360-KN SIEMENS-LS3360-KN Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3360-L SIEMENS-LS3360-L Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
logo
saftbatteries
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy
More results

Similar Description - LS3360

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS31801111 SIEMENS-LS31801111 Datasheet
91Kb / 1P
T1 (3mm) WIDE ANGLE LED LAMP
LS33401111 SIEMENS-LS33401111 Datasheet
88Kb / 1P
T1(3mm) LED LAMP
logo
P-tec Corporation
PL01-CDG13 P-TEC-PL01-CDG13 Datasheet
29Kb / 1P
3mm (T1) LED
PL01-CDY01 P-TEC-PL01-CDY01 Datasheet
29Kb / 1P
3mm (T1) LED
PL03F-WCW13Z P-TEC-PL03F-WCW13Z Datasheet
29Kb / 1P
3mm (T1) LED
PL03F-WCW24Z P-TEC-PL03F-WCW24Z Datasheet
30Kb / 1P
3mm (T1) LED
PL03G-WCB20Z P-TEC-PL03G-WCB20Z Datasheet
29Kb / 1P
3mm (T1) LED
PL07-CDY01 P-TEC-PL07-CDY01 Datasheet
29Kb / 1P
3mm (T1) LED
PL07-CDR12 P-TEC-PL07-CDR12 Datasheet
29Kb / 1P
3mm (T1) LED
PL07-CDR21 P-TEC-PL07-CDR21 Datasheet
29Kb / 1P
3mm (T1) LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com