Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83CXXXL-AD4-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 83CXXXL-AD4-R
Description  4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

83CXXXL-AD4-R Datasheet(HTML) 4 Page - Unisonic Technologies

  83CXXXL-AD4-R Datasheet HTML 1Page - Unisonic Technologies 83CXXXL-AD4-R Datasheet HTML 2Page - Unisonic Technologies 83CXXXL-AD4-R Datasheet HTML 3Page - Unisonic Technologies 83CXXXL-AD4-R Datasheet HTML 4Page - Unisonic Technologies 83CXXXL-AD4-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
83CXXX
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-353.b
DETAILED DESCRIPTION
The UTC 83CXXX have a push-pull output stage. A microprocessor’s (µP’s) reset input initiates the
microprocessor in a known state. The UTC 83CXXX assert a reset signal as long as the VCC power supply voltage
drops below a preset threshold. When VCC has risen over the reset threshold, the devices keep the signal for at least
140ms. They have a function of preventing code-execution errors during power-up, power-down, or brownout
conditions by resetting.
See the manual reset input section if you want to see function that the manual reset input ( MR ) can initiate a
reset.
Manual Reset Input
Many products based on microprocessor need manual reset characteristic, allowing them to initiate a reset.
Reset keeps working while MR is low, and when MR returns high it is for the reset Active Timeout Period (tRP).
TTL or CMOS-logic levels, or with open-drain / collector outputs both can drive MR . MR will be started by a logic low
on manual reset .Because the input has a build-in 20kΩ pull-up resistor; it can be left open if it is not used. We can
put a 0.1µF capacitor from MR to ground if MR is driven from long cables or the device is used in a noisy
environment strengthening additional noise capacity. Connecting a normally open momentary switch from MR to
ground to create a manual-reset function, and external debounce circuitry is not required.
UTC
83CXXX
VCC
GND
RESET
R1=
100K
Figure 1. RESET Valid to VCC = Ground Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com