Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB2012 Datasheet(PDF) 13 Page - Unisonic Technologies

Part # UB2012
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012 Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button UB2012_12 Datasheet HTML 9Page - Unisonic Technologies UB2012_12 Datasheet HTML 10Page - Unisonic Technologies UB2012_12 Datasheet HTML 11Page - Unisonic Technologies UB2012_12 Datasheet HTML 12Page - Unisonic Technologies UB2012_12 Datasheet HTML 13Page - Unisonic Technologies UB2012_12 Datasheet HTML 14Page - Unisonic Technologies UB2012_12 Datasheet HTML 15Page - Unisonic Technologies UB2012_12 Datasheet HTML 16Page - Unisonic Technologies UB2012_12 Datasheet HTML 17Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
UB2012
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
13 of 17
www.unisonic.com.tw
QW-R121-018 .C
APPLICATION INFORMATION(Cont.)
SELECTING AN EXTERNAL PASS-TRANSISTOR
The UTC UB2012 is designed to work with both PNP transistor and P-channel MOSFET. The device should be
chosen to handle the required power dissipation, given the circuit parameters, PCB layout and heat sink
configuration. The following examples illustrate the design process for either device:
PNP TRANSISTOR:
Selection steps for a PNP bipolar transistor: Example: VI = 4.5V, I(REG) = 1A, 4.2-V single-cell Li-Ion (UTC
UB2012C
). VI is the input voltage to the charger and I (REG) is the desired charge current (see Fig. 1).
1. Determine the maximum power dissipation, PD, in the transistor.
The worst case power dissipation happens when the cell voltage, V(BAT), is at its lowest (typically 3V at the
beginning of current regulation phase) and VI is at its maximum.
Where VCS is the voltage drop across the current sense resistor.
PD = (VI-V(CS)-V(BAT))×I(REG)
(7)
PD = (4.5-0.1-3)×1A
PD = 1.4W
2.
Determine the package size needed in order to keep the junction temperature below the manufacturer’s
recommended value, TJMAX. Calculate the total theta, θ (°C/W), needed.
θJA =
D
A(MAX)
MAX(J)
P
)
T
-
(T
(8)
θJA =
4
.
1
)
40
-
150
(
θJA = 78°C/W
Now choose a device package with a theta at least 10% below this value to account for additional thetas other
than the device. A SOT-223 package, for instance, has typically a theta of 60°C/W.
3. Select a collector-emitter voltage, V(CE), rating greater than the maximum input voltage. A 15-V device will be
adequate in this example.
4. Select a device that has at least 50% higher drain current IC rating than the desired charge current I(REG).
5. Using the following equation calculate the minimum beta (β or hFE) needed:
βMIN =ICMAX / IB
(9)
βMIN =1 / 0.035
βMIN =28
Where IMAX(C)) is the maximum collector current (in this case same as I (REG)), and IB is the base current (chosen
to be 35 mA in this example).
Now choose a PNP transistor that is rated for V(CE) ≥15 V, θJA ≤ 78°C /W, IC ≥ 1.5 A, βMIN ≥ 28 and that is in a
SOT-223 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com