Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA5417 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # BA5417
Description  HIGH-OUTPUT DUAL POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA5417 Datasheet(HTML) 7 Page - Unisonic Technologies

  BA5417 Datasheet HTML 1Page - Unisonic Technologies BA5417 Datasheet HTML 2Page - Unisonic Technologies BA5417 Datasheet HTML 3Page - Unisonic Technologies BA5417 Datasheet HTML 4Page - Unisonic Technologies BA5417 Datasheet HTML 5Page - Unisonic Technologies BA5417 Datasheet HTML 6Page - Unisonic Technologies BA5417 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
BA5417
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R107-049,A
TYPICAL CHARACTERISTICS(Cont.)
BTL Mode
0
10
16
0.1
1.0
100
414
Power Supply, VCC (V)
0.0
8
Rated Output Power vs. Power Supply
Voltage
20
10.0
100k
10
30
50
100
10k
Frequency, f (Hz)
0
20
40
1k
Closed Loop Gain vs. Frequency
60
18
26
12
T=Normal
f = 1kHz
THD=10%
200HzHPF
20kHzLPF
Heat sink used
49.0
T=Normal
VCC=9V
RL=6Ω
VIN=−45dB
Heat sink used
0
10
16
2
5
10
414
Power Supply, VCC (V)
0
8
Output Voltage NagativeTeed Back
Voltage vs. Power Supply Voltage
20
8
18
26
12
T=Normal
RL=6Ω
Vout1
VNF1
9
7
6
4
3
1
0
10
16
10
50
414
Power Supply, VCC (V)
0
8
Output Offset Voltage vs. Power Supply
Voltage
20
40
18
26
12
30
20
T=Normal
RL=6Ω
Δ
VOUT = |Vout1-Vout2|
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com