Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP68 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BCP68
Description  NPN MEDIUM POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BCP68 Datasheet(HTML) 1 Page - Unisonic Technologies

  BCP68 Datasheet HTML 1Page - Unisonic Technologies BCP68 Datasheet HTML 2Page - Unisonic Technologies BCP68 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BCP68
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R207-008,E
NPN MEDIUM POWER
TRANSISTOR
FEATURES
* High current (max. 1 A)
* Low voltage (max. 20 V).
* Complementary to UTC BCP69
APPLICATIONS
* General purpose switching and amplification under high current
conditions.
SOT-223
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BCP68L-xx-AA3-R
BCP68G-xx-AA3-R
SOT-223
B
C
E
Tape Reel


Similar Part No. - BCP68

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
NPN medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP68 ZETEX-BCP68 Datasheet
43Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP68 SIEMENS-BCP68 Datasheet
136Kb / 4P
NPN Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Fairchild Semiconductor
BCP68 FAIRCHILD-BCP68 Datasheet
35Kb / 3P
NPN General Purpose Amplifier
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
NPN Silicon AF Transistor
Nov-29-2001
More results

Similar Description - BCP68

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
NPN medium power transistor
1999 Apr 08
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
NPN MEDIUM POWER TRANSISTOR
02-Oct-2007
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
NPN Medium Power Transistor
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
Medium Power NPN Transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
NPN MEDIUM POWER TRANSISTOR
Rev 2
logo
Rohm
SST2222A ROHM-SST2222A Datasheet
1Mb / 11P
NPN Medium Power Transistor
UMT4401U3HZG ROHM-UMT4401U3HZG Datasheet
1Mb / 10P
NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
NPN medium power transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com