Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UD4606 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UD4606
Description  DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4606 Datasheet(HTML) 6 Page - Unisonic Technologies

  UD4606 Datasheet HTML 1Page - Unisonic Technologies UD4606 Datasheet HTML 2Page - Unisonic Technologies UD4606 Datasheet HTML 3Page - Unisonic Technologies UD4606 Datasheet HTML 4Page - Unisonic Technologies UD4606 Datasheet HTML 5Page - Unisonic Technologies UD4606 Datasheet HTML 6Page - Unisonic Technologies UD4606 Datasheet HTML 7Page - Unisonic Technologies UD4606 Datasheet HTML 8Page - Unisonic Technologies UD4606 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UD4606
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R502-144.C
TYPICAL CHARACTERISTICS
N-CHANNEL
Drain Current,ID (A)
Drain to Source Voltage,VDS (V)
VGS=4.5V
VGS=10V
60
50
40
30
20
10
0
5
10
15
20
On-Resistance vs. Drain Current
and Gate Voltage
CISS
COSS
CRSS
f=1MHZ
VGS=0V
1000
900
800
700
500
600
400
200
300
100
0
05
10
15
20
25
30
Capacitance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com