Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS3369 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # LS3369
Description  LC 3 mm T1 LED, Diffused Low Current LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS3369 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  LS3369 Datasheet HTML 1Page - Siemens Semiconductor Group LS3369 Datasheet HTML 2Page - Siemens Semiconductor Group LS3369 Datasheet HTML 3Page - Siemens Semiconductor Group LS3369 Datasheet HTML 4Page - Siemens Semiconductor Group LS3369 Datasheet HTML 5Page - Siemens Semiconductor Group LS3369 Datasheet HTML 6Page - Siemens Semiconductor Group LS3369 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
1998-07-13
Wellenlänge der Strahlung
λ
peak = f (TA)
Wavelength at peak emission
I
F = 7.5 mA
Durchlaßspannung
V
F = f (TA)
Forward voltage
I
F = 2 mA
Dominantwellenlänge
λ
dom = f (TA)
Dominant wavelength
I
F = 7.5 mA
Relative Lichtstärke
I
V/IV(25
°C) = f (TA)
Relative luminous intensity
I
F = 2 mA
green
yellow
super-red
550
OHL01672
λ
peak
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690
yellow
green
super-red
1.4
OHL01750
V
F
˚C
A
T
0
20
40
60
80
100
1.6
1.8
2.0
2.2
V
2.4
yellow
green
super-red
550
OHL01673
λ
dom
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690
yellow
green
super-red
0.0
OHL01675
˚C
A
T
0
20
40
60
80
100
V
V(25 ˚C)
Ι
Ι
0.4
0.8
1.2
1.6
2.0
LS 3369, LY 3369, LG 3369



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com