Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846G-B-BN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BC846G-B-BN3-R
Description  SWITCHING AND AMPLIFIER APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC846G-B-BN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  BC846G-B-BN3-R Datasheet HTML 1Page - Unisonic Technologies BC846G-B-BN3-R Datasheet HTML 2Page - Unisonic Technologies BC846G-B-BN3-R Datasheet HTML 3Page - Unisonic Technologies BC846G-B-BN3-R Datasheet HTML 4Page - Unisonic Technologies BC846G-B-BN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC846-BC850
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R206-027,G
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
BC846
VCBO
80
V
BC847 / BC850
50
V
BC848 / BC849
30
V
Collector-Emitter Voltage
BC846
VCEO
65
V
BC847 / BC850
45
V
BC848 / BC849
30
V
Emitter-Base Voltage
BC846 / BC847
VEBO
6
V
BC848 / BC849 / BC850
5
V
Collector Current (DC)
IC
100
mA
Collector Dissipation
SOT-23
PD
310
mW
SOT-323
200
mW
SOT-523
150
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector Cut-Off Current
ICBO
VCB=30V, IE=0
15
nA
DC Current Gain
hFE
VCE=5.0V, IC=2.0mA
110
800
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=10mA, IB=0.5mA
90
250
mV
IC=100mA,IB=5.0mA
200
600
mV
Collector-Base Saturation Voltage
VBE(SAT)
IC=10mA, IB=0.5mA
700
mV
IC=100mA,IB=5.0mA
900
mV
Base-Emitter On Voltage
VBE(ON)
VCE=5.0V, IC=2.0mA
580
660
700
mV
VCE=5.0V, IC=10mA
720
mV
Current Gain Bandwidth Product
fT
VCE=5.0V, IC=10mA, f=100MHz
300
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=1.0MHz
3.5
6
pF
Input Capacitance
CIB
VEB=0.5V, IC=0, f=1.0MHz
9
pF
Noise Figure
BC846/BC847/BC848
NF
VCE=5V, IC=200μA,
f=1KHz, RG=2KΩ
2
10
dB
BC849/BC850
1.2
4
dB
BC849
VCE=5V, IC=200μA,
RG=2KΩ, f=30~15000Hz
1.4
4
dB
BC850
1.4
3
dB
CLASSIFICATION OF hFE
RANK
A
B
C
RANGE
110-220
200-450
420-800



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com