Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UH8013G-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UH8013G-AE3-R
Description  HALL EFFECT MICRO SWITCH IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8013G-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UH8013G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UH8013G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UH8013G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UH8013G-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UH8103
Preliminary
BiCMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
Ver.a
ABSOLUTE MAXIMUM RATING (T
a=25℃,Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
7
V
Magnetic Flux Density
B
Unlimited
Output current
IOUT
10
mA
Package Power Dissipation
PD
230
mW
Junction Temperature
TJ
150
Operation Temperature
TOPR
-40 ~ +85
Storage Temperature
TSTG
-65 ~ +150
Note
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (T
a=25℃)
PARAMETER
SYMBOL
Conditions
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
Operating
2.5
---
5.5
V
ELECTRICAL CHARACTERISTICS (T
A=25℃, VDD=3V)
UH8103
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage Range
Operating
2.5
5.5
V
Average
5
10
uA
Awake
1.2
2
mA
IDD
Supply Current
Sleep
2
8
uA
IOFF
Output Leakage Current
VOUT = 3.5V,
BRPN<B<BRPS
1
uA
VOL
Output Low Voltage
ISINK = 1mA
20
40
mV
tawake
Wake up Time
180
uS
tperiod
Period
60
mS
d.c.
Duty cycle
0.3
%
MAGNETIC CHARACTERISTICS ( T
A=25℃, VDD=3V, 1mT=10Gauss )
Symbol
Characteristic
MIN
TYP
MAX
UNIT
BOPS
50
75
BOPN
Operation Points
-75
-50
BRPS
10
35
BRPN
Release Points
-35
-10
Bhys
Hysteresis
15
Gauss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com