Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UK3018G-AE2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UK3018G-AE2-R
Description  2.5V DRIVE SILICON N-CHANNEL MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UK3018G-AE2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UK3018G-AE2-R Datasheet HTML 1Page - Unisonic Technologies UK3018G-AE2-R Datasheet HTML 2Page - Unisonic Technologies UK3018G-AE2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UK3018
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-313.b
ABSOLUTE MAXIMUM RATING (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous
ID
100
mA
Drain Current
Pulsed (Note 2)
IDP
400
mA
Power Dissipation (Note 3)
PD
200
mW
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pw≤10µs, Duty cycle≤1%
3. With each pin mounted on the recommended lands.
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
625
°С/W
ELECTRICAL CHARACTERISTICS (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=10μA
30
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
1
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V,
±1
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=3V, ID=100μA
0.8
1.5
V
VGS=4V, ID=10mA,
5
8
Static drain-source on-state resistance
RDS(ON)
VGS=2.5V, ID=1mA,
7
13
DYNAMIC PARAMETERS
Input capacitance
CISS
13
pF
Output capacitance
COSS
9
pF
Reverse transfer capacitance
CRSS
VDS = 5V, VGS = 0V, f = 1MHz
4
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
15
ns
Turn-ON Rise Time
tR
35
ns
Turn-OFF Delay Time
tD(OFF)
80
ns
Turn-OFF Fall-Time
tF
VGS = 5V, VDD≈5V
ID = 10mA, RL = 500Ω, RG = 10Ω
80
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com