Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP2003 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UP2003
Description  P-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP2003 Datasheet(HTML) 4 Page - Unisonic Technologies

  UP2003 Datasheet HTML 1Page - Unisonic Technologies UP2003 Datasheet HTML 2Page - Unisonic Technologies UP2003 Datasheet HTML 3Page - Unisonic Technologies UP2003 Datasheet HTML 4Page - Unisonic Technologies UP2003 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UP2003
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-202.B
TYPICAL CHARACTERISTICS(Cont.)
12
6
0
0
2
4
6
8
2500
500
0
0
5
10
15
20
Gate Charge,-QG (nC)
Gate-Charge Characteristics
Capacitance Characteristics
Drain to Source Voltage,-VDS (V)
ID=-9A
VDS=-5V
-10V
-15V
10
18
24
30
CISS
COSS
CRSS
f=1MHZ
VGS=0V
25
30
2000
1500
1000
50
30
20
0
0.001 0.01
0.1
1
10
100
1000
100
10
1
0.1
0.1
1
10
100
Pulse Width (s)
Single Pulse Maximum Power Dissipationg
Drain to Source Voltage,-VDS (V)
Maximum Safe Operating Area
100μs
1ms
10ms
100ms
1s
10s
DC
RDS(ON)
Limited
VGS=-10V
Single Pulse
θJA=125°С/W
TA=25°С
0.01
Single Pulse
θJA=125°С/W
TA=25°С
10
40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com