Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS5469 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LS5469
Description  LC 5 mm T1 3/4 LED, Diffused Low Current LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS5469 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LS5469 Datasheet HTML 1Page - Siemens Semiconductor Group LS5469 Datasheet HTML 2Page - Siemens Semiconductor Group LS5469 Datasheet HTML 3Page - Siemens Semiconductor Group LS5469 Datasheet HTML 4Page - Siemens Semiconductor Group LS5469 Datasheet HTML 5Page - Siemens Semiconductor Group LS5469 Datasheet HTML 6Page - Siemens Semiconductor Group LS5469 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
11.96
LC 5 mm (T1 3/
4) LED, Diffused
Low Current LED
LS 5469, LY 5469, LG 5469
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 2 mA
I
V (mcd)
Bestellnummer
Ordering Code
LS 5469-EH
LS 5469-G
LS 5469-H
LS 5469-GK
super-red
red diffused
0.63 … 5.0
1.60 … 3.2
2.50 … 5.0
1.60 … 12.5
Q62703-Q1751
Q62703-Q2344
Q62703-Q2345
Q62703-Q3833
LY 5469-EH
LY 5469-F
LY 5469-G
LY 5469-H
LY 5469-FJ
yellow
yellow diffused
0.63 … 5.0
1.00 … 2.0
1.60 … 3.2
2.50 … 5.0
1.00 … 8.0
Q62703-Q1752
Q62703-Q3834
Q62703-Q3835
Q62703-Q3836
Q62703-Q3837
LG 5469-EH
LG 5469-F
LG 5469-G
LG 5469-FJ
green
green diffused
0.63 … 5.0
1.00 … 2.0
1.60 … 3.2
1.00 … 8.0
Q62703-Q1753
Q62703-Q3856
Q62703-Q3857
Q62703-Q3858
Besondere Merkmale
q
eingefärbtes, diffuses Gehäuse
q
als optischer Indikator einsetzbar
q
hohe Lichtstärke bei kleinen Stömen (typ. 2 mA)
q
Lötspieße ohne Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, diffused package
q
for use as optical indicator
q
high luminous intensity at low currents (typ. 2 mA)
q
solder leads without stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839


Similar Part No. - LS5469

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS5460-HL SIEMENS-LS5460-HL Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LS5460-J SIEMENS-LS5460-J Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LS5460-JM SIEMENS-LS5460-JM Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LS5460-K SIEMENS-LS5460-K Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LS5460-L SIEMENS-LS5460-L Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
More results

Similar Description - LS5469

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
5 mm (T1 3/4) LED, Diffused
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
5 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
5 mm T1 3/4 LED, Diffused Wide-Angle LED
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LS3369 SIEMENS-LS3369 Datasheet
126Kb / 7P
LC 3 mm T1 LED, Diffused Low Current LED
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com